Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3410 Datasheet (PDF) - List of Unclassifed Manufacturers

AO3410 Datasheet PDF - List of Unclassifed Manufacturers
Part # AO3410
Download  AO3410 Download
File Size   165.31 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description N-Channel Enhancement Mode Field Effect Transistor

AO3410 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3410 Datasheet PDF - List of Unclassifed Manufacturers

Part # AO3410
Download  AO3410 Click to download

File Size   165.31 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description N-Channel Enhancement Mode Field Effect Transistor

AO3410 Datasheet (HTML) - List of Unclassifed Manufacturers


AO3410 Product details

[Alpha & Omega Semiconductor, Ltd.]

General Description
The AO3410 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 1.8V and as high as 12V. This device is suitable for use as a load switch or in PWM applications.

Features
    VDS (V) = 30V
    ID = 5.8 A
    RDS(ON) < 28mΩ (VGS = 10V)
    RDS(ON) < 33mΩ (VGS = 4.5V)
    RDS(ON) < 52mΩ (VGS = 2.5V)
    RDS(ON) < 70mΩ (VGS = 1.8V)




Similar Part No. - AO3410

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3410 AOSMD-AO3410 Datasheet
110Kb / 1P
PACKAGE MARKING DESCRIPTION
logo
Guangdong Kexin Industr...
AO3410 KEXIN-AO3410 Datasheet
719Kb / 2P
N-Channel MOSFET
logo
Kersemi Electronic Co.,...
AO3410 KERSEMI-AO3410 Datasheet
396Kb / 2P
N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO3410-3 KEXIN-AO3410-3 Datasheet
580Kb / 2P
N-Channel MOSFET
AO3410-HF KEXIN-AO3410-HF Datasheet
1,009Kb / 2P
N-Channel MOSFET
More results


Similar Description - AO3410

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com