Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1718 Datasheet (PDF) - NTE Electronics

NTE1718 Datasheet PDF - NTE Electronics
Part # NTE1718
Download  NTE1718 Download
File Size   19.21 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Comparator

NTE1718 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1718 Datasheet PDF - NTE Electronics

Part # NTE1718
Download  NTE1718 Click to download

File Size   19.21 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Comparator

NTE1718 Datasheet (HTML) - NTE Electronics


NTE1718 Product details

Description:

The NTE1718 is an dual voltage comparator integrated circuit in a 9–Lead SIP type package with a wide range of supply voltages.



Features:

• Wide Range of Operating Voltages:

   Single Supply: 2V to 36V

   Dual Supply: ±1V to ±18V

• Low Circuit Current: 0.6mA Typ.

• Wide Range of Common–Mode Input Voltages:

   Single Supply: 0V to VCC–1.5V

• Open Collector Output



 




Similar Part No. - NTE1718

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE171 NTE-NTE171 Datasheet
21Kb / 2P
Silicon NPN Transistor Audio/Video Amplifier
NTE1710 NTE-NTE1710 Datasheet
24Kb / 3P
Integrated Circuit Record/Playback Circuit for VCR
NTE1711 NTE-NTE1711 Datasheet
18Kb / 2P
Integrated Circuit 2 Head Recording Amp for VCR
NTE1712 NTE-NTE1712 Datasheet
21Kb / 2P
Integrated Circuit Record Video Signal Processor for VCR
NTE1713 NTE-NTE1713 Datasheet
20Kb / 2P
Integrated Circuit Line Noise Canceller for VCR
More results


Similar Description - NTE1718

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1208 NTE-NTE1208 Datasheet
19Kb / 2P
Integrated Circuit CMOS, Phase Comparator
NTE1434 NTE-NTE1434 Datasheet
18Kb / 2P
Integrated Circuit Voltage Comparator
NTE863 NTE-NTE863 Datasheet
21Kb / 2P
Integrated Circuit OP Amp/Comparator
NTE919D NTE-NTE919D Datasheet
24Kb / 3P
Integrated Circuit High Speed Dual Comparator
NTE922 NTE-NTE922 Datasheet
30Kb / 4P
Integrated Circuit Voltage Comparator
NTE943 NTE-NTE943 Datasheet
35Kb / 5P
Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator
logo
KEC(Korea Electronics)
KIA393P KEC-KIA393P Datasheet
68Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL COMPARATOR)
KIA75S393F KEC-KIA75S393F Datasheet
79Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE COMPARATOR)
logo
NTE Electronics
NTE911 NTE-NTE911 Datasheet
78Kb / 3P
Integrated Circuit Dual Voltage Comparator
logo
KEC(Korea Electronics)
LM393F KEC-LM393F Datasheet
47Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT DUAL COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com