Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1D Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

S1D Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # S1D
Download  S1D Download
File Size   189.85 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1.0A SURFACE MOUNT RECTIFIER

S1D Datasheet (PDF)

Go To PDF Page Download Datasheet
S1D Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # S1D
Download  S1D Click to download

File Size   189.85 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1.0A SURFACE MOUNT RECTIFIER

S1D Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd


S1D Product details

Features
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop
● Surge Overload Rating to 30A Peak
● Low Power Loss
● Built-in Strain Relief
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - S1D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1D PANJIT-S1D Datasheet
74Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
S1D PHILIPS-S1D Datasheet
59Kb / 12P
SMA controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
S1D SURGE-S1D Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Transys Electronics
S1D TRSYS-S1D Datasheet
145Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S1D JGD-S1D Datasheet
148Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
More results


Similar Description - S1D

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MFPS2S TAITRON-MFPS2S Datasheet
193Kb / 4P
1.0A Surface Mount Schottky Rectifier
S1A TAITRON-S1A Datasheet
187Kb / 5P
1.0A Surface Mount Rectifier
S1AB TAITRON-S1AB Datasheet
183Kb / 4P
1.0A SURFACE MOUNT RECTIFIER
logo
SUNMATE electronic Co.,...
ER1A SUNMATE-ER1A Datasheet
277Kb / 2P
1.0A Surface Mount Rectifier
RS1A SUNMATE-RS1A Datasheet
126Kb / 2P
1.0A Surface Mount Rectifier
logo
Zibo Seno Electronic En...
S1M ZSELEC-S1M Datasheet
147Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
GS1AF ZSELEC-GS1AF Datasheet
149Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
BYG50A ZSELEC-BYG50A Datasheet
145Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
GF1A ZSELEC-GF1A Datasheet
111Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
MRA4001T3 ZSELEC-MRA4001T3 Datasheet
145Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com