Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1753 Datasheet (PDF) - NTE Electronics

NTE1753 Datasheet PDF - NTE Electronics
Part # NTE1753
Download  NTE1753 Download
File Size   36.28 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Pulse Width Modulator (PWM) Control Circuit

NTE1753 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1753 Datasheet PDF - NTE Electronics

Part # NTE1753
Download  NTE1753 Click to download

File Size   36.28 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Pulse Width Modulator (PWM) Control Circuit

NTE1753 Datasheet (HTML) - NTE Electronics


NTE1753 Product details

Description:

The NTE1753 is a fixed–frequency pulse width modulation control circuit in a 14–Lead DIP type pack age incorporating the primary building blocks required for the control of a switching power supply.

Output pulse width modulation is accomplished by comparison of the positive sawtooth waveform across capacitor CT to either of two control signals. The output is enabled only during that portion of time when the sawtooth voltage is greater than the control signals. Therefore, an increase in control–signal amplitude causes a corresponding linear decrease of output pulse width.

The control signals are external inputs that can be fed into the dead–time control, the error amplifier inputs, or the feed–back input. The dead–time control comparator has an effective 120mV input offset which limits the minimum output dead time to approximately the first 4% of the sawtooth–cycle time. This would result in a maximum duty cycle of 96%. Additional dead time may be imposed on the output by setting the dead time–control input to a fixed voltage, ranging between 0 to 3.3V.



Features:

• Complete Pulse Width Modulation Control Circuitry

• On–Chip Oscillator with Master or Slave Operation

• On–Chip Error Amplifiers

• On–Chip 5.0 Volt Reference

• Adjustable Dead Time Control

• Uncommitted Output Transistor for 200mA Source or Sink



 




Similar Part No. - NTE1753

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE175 NTE-NTE175 Datasheet
29Kb / 3P
Silicon Complementary Transistors High Voltage, Medium Power Switch
NTE1751 NTE-NTE1751 Datasheet
20Kb / 2P
Integrated Circuit TV SCR Driver
NTE1754 NTE-NTE1754 Datasheet
29Kb / 4P
Integrated Circuit Vertical Deflection Output Circuit
NTE1757 NTE-NTE1757 Datasheet
35Kb / 3P
Integrated Circuit Remote Control Receiver
NTE1758 NTE-NTE1758 Datasheet
26Kb / 3P
Integrated Circuit CMOS, 27 Command TV Remote Control Transmitter
More results


Similar Description - NTE1753

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1720 NTE-NTE1720 Datasheet
26Kb / 4P
Integrated Circuit Pulse Width Modulator (PWM) Regulator
NTE1721 NTE-NTE1721 Datasheet
31Kb / 4P
Integrated Circuit Pulse Width Modulator (PWM) Regulator
NTE1722 NTE-NTE1722 Datasheet
31Kb / 4P
Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1729 NTE-NTE1729 Datasheet
30Kb / 4P
Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A_05 Datasheet
145Kb / 10P
Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
logo
Texas Instruments
TL1454CPW TI1-TL1454CPW Datasheet
384Kb / 25P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454A TI1-TL1454A_14 Datasheet
894Kb / 25P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A_09 Datasheet
146Kb / 10P
Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com