Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N65 Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

2N65 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # 2N65
Download  2N65 Download
File Size   450.29 Kbytes
Page   6 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description N-CHANNEL MOSFET

2N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N65 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # 2N65
Download  2N65 Click to download

File Size   450.29 Kbytes
Page   6 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description N-CHANNEL MOSFET

2N65 Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd


2N65 Product details

DESCRIPTION
2N60 2N65 is a high voltage MOSFET and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and have a high rugged avalanche characteristics. This power MOSFET is usually used at high speed switching applications in power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.

FEATURES
* RDS(ON) = 5Ω@VGS = 10V
* Ultra Low gate charge (typical 9.0nC)
* Low reverse transfer capacitance (CRSS = typical 5.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness




Similar Part No. - 2N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N65 UTC-2N65 Datasheet
185Kb / 6P
2 Amps, 650 Volts N-CHANNEL POWER MOSFET
2N65 UTC-2N65 Datasheet
195Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
2N65 ISC-2N65 Datasheet
136Kb / 2P
Drain Current ID= 2A@ TC=25C
logo
Chongqing Pingwei Enter...
2N65 CHONGQING-2N65 Datasheet
201Kb / 2P
2A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
2N65 DYELEC-2N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
More results


Similar Description - 2N65

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com