Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1780 Datasheet (PDF) - NTE Electronics

NTE1780 Datasheet PDF - NTE Electronics
Part # NTE1780
Download  NTE1780 Download
File Size   27.58 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit

NTE1780 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1780 Datasheet PDF - NTE Electronics

Part # NTE1780
Download  NTE1780 Click to download

File Size   27.58 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit

NTE1780 Datasheet (HTML) - NTE Electronics


NTE1780 Product details

Description:

The NTE1780 is an integrated circuit in a 12–Lead SIP type package designed for 2–channel volume and tone control circuits.



Features:

 Easier Compact Set Design

 Functions Are: 2–Channel Bass, Treble Control Circuit

 Balance Control Circuit

 DC Volume Control Circuit (Volume Control w/Physiological Characteristics)

 All Functions Enable DC Controllable



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14.4V

Circuit Voltage, V1, 4, 5, 6–7, V8, 9, 11, 12–7 . . . . . . . . . . . . . . . . . . . 0, V2–7

Supply Current, I2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64mA

Circuit Current, I3, I10 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40mA

Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 920mW

Operating Ambient Temperature Range, Topr . . . . . . . . . –20° to +70°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . –55° to +150°C




Similar Part No. - NTE1780

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1781 NTE-NTE1781 Datasheet
21Kb / 2P
Integrated Circuit Electronic Switch for VCR
NTE1782 NTE-NTE1782 Datasheet
22Kb / 2P
Integrated Circuit TV Vertical Deflection Output Circuit
NTE1783 NTE-NTE1783 Datasheet
29Kb / 2P
Integrated Circuit TV Volume Control Circuit
NTE1784 NTE-NTE1784 Datasheet
35Kb / 4P
Integrated Circuit TV Horizontal Processor
NTE1785 NTE-NTE1785 Datasheet
25Kb / 3P
Integrated Circuit TV IF Amp w/Demod and AFC (For PNP Tuners)
More results


Similar Description - NTE1780

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
Dual DC Operated Tone/Volume/Balance Circuit
logo
NTE Electronics
NTE15029 NTE-NTE15029 Datasheet
24Kb / 3P
Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
Integrated Circuit Dual Volume Control/Balance/Tone
logo
NXP Semiconductors
TDA1524A PHILIPS-TDA1524A Datasheet
207Kb / 16P
Stereo-tone/volume control circuit
September 1987
TDA1526 PHILIPS-TDA1526 Datasheet
196Kb / 14P
Stereo-tone/volume control circuit
May 1992
logo
Samsung semiconductor
KA2107 SAMSUNG-KA2107 Datasheet
110Kb / 5P
DC VOLUME, TONE CONTROL CIRCUIT
logo
National Semiconductor ...
LM1040 NSC-LM1040 Datasheet
365Kb / 10P
DUAL DC OPERATED TONE / VOLUME / BALANCE CIRCUIT WITH STEREO ENHANCEMENT FACILITY
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
Dual DC Operated Tone/Volume/Balance Circuit
LM4610 TI1-LM4610 Datasheet
773Kb / 18P
Dual DC Operated Tone/Volume/Balance Circuit
LM1036 TI1-LM1036 Datasheet
1Mb / 23P
LM1036 Dual DC Operated Tone/Volume/Balance Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com