Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C2V0 Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

BZX84C2V0 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # BZX84C2V0
Download  BZX84C2V0 Download
File Size   132.01 Kbytes
Page   3 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 350mW Silicon Planar Zener Diodes

BZX84C2V0 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C2V0 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # BZX84C2V0
Download  BZX84C2V0 Click to download

File Size   132.01 Kbytes
Page   3 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 350mW Silicon Planar Zener Diodes

BZX84C2V0 Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd


BZX84C2V0 Product details

350mW Silicon Planar Zener Diodes

This series of Zener diodes is offered in the convenient, surface mount plastic SOT-23/TO-236 package. These devices are designed to provide voltage regulation with minimum space requirement. They are well suited for applications such as cellular phones, hand held portables, and high density PC boards.

Features
• Zener breakdown voltage range - 2.0 V to 75 V
• Package designed for optimal automated board assembly
• Small package size for high density applications




Similar Part No. - BZX84C2V0

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
BZX84C2V0 HTSEMI-BZX84C2V0 Datasheet
712Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Kingtronics Internation...
BZX84C2V0 KINGTRONICS-BZX84C2V0 Datasheet
403Kb / 3P
BZX84C2V0... BZX84C75 Silicon Planar Zener Diodes
logo
Suntan Capacitors
BZX84C2V0 SUNTAN-BZX84C2V0 Datasheet
136Kb / 3P
Zener breakdown voltage range - 2.0 V to 75 V
logo
KEC(Korea Electronics)
BZX84C2V0 KEC-BZX84C2V0 Datasheet
363Kb / 3P
SEMICONDUCTOR
logo
Jinan Jing Heng Electro...
BZX84C2V0 JINGHENG-BZX84C2V0 Datasheet
92Kb / 3P
0.35 SILICON PLANAR ZENER DIODES
More results


Similar Description - BZX84C2V0

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com