Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5V2310 Datasheet (PDF) - Integrated Device Technology

IDT5V2310 Datasheet PDF - Integrated Device Technology
Part # IDT5V2310
Download  IDT5V2310 Download
File Size   57.03 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER

IDT5V2310 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT5V2310 Datasheet PDF - Integrated Device Technology

Part # IDT5V2310
Download  IDT5V2310 Click to download

File Size   57.03 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER

IDT5V2310 Datasheet (HTML) - Integrated Device Technology


IDT5V2310 Product details

DESCRIPTION:
The IDT5V2310 is a high performance, low skew clock buffer that operates up to 200MHz. Two banks of five outputs each provide low skew copies of CLK. Through the use of control pins 1G and 2G, the outputs of banks 1Y(0:4) and 2Y(0:4) can be placed in a low state regardless of CLK input. The device operates in 2.5V and 3.3V environments. The built-in output enable glitch suppression ensures a synchronized output enable sequence to distribute full period clock signals.
The IDT5V2310 is characterized for operation from -40°C to +85°C.

FEATURES:
• High performance 1:10 clock driver for general purpose applications
• Operates up to 200MHz at VDD = 3.3V
• Pin-to-pin skew < 100ps
• VDD range: 2.3V to 3.6V
• Output enable glitch suppression
• Distributes one clock input to two banks of five outputs
• 25Ω on-chip series dampening resistors
• Available in TSSOP package
  NOTE: EOL for non-green parts to occur on 5/13/10 per PDN U-09-01




Similar Part No. - IDT5V2310

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5V2310 RENESAS-IDT5V2310 Datasheet
249Kb / 10P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
DECEMBER 2012
logo
Integrated Device Techn...
IDT5V2310PGGI IDT-IDT5V2310PGGI Datasheet
98Kb / 9P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310 IDT-IDT5V2310_09 Datasheet
90Kb / 9P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
More results


Similar Description - IDT5V2310

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305 Datasheet
53Kb / 8P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305 IDT-IDT5V2305_10 Datasheet
71Kb / 10P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310 IDT-IDT5V2310_09 Datasheet
90Kb / 9P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310PGGI IDT-IDT5V2310PGGI Datasheet
98Kb / 9P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
IDT5V2305 IDT-IDT5V2305_14 Datasheet
164Kb / 13P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
IDT5V2305 RENESAS-IDT5V2305 Datasheet
319Kb / 14P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
IDT5V2310 RENESAS-IDT5V2310 Datasheet
249Kb / 10P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
DECEMBER 2012
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com