Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1AW Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

ES1AW Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # ES1AW
Download  ES1AW Download
File Size   146.65 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE

ES1AW Datasheet (PDF)

Go To PDF Page Download Datasheet
ES1AW Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # ES1AW
Download  ES1AW Click to download

File Size   146.65 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE

ES1AW Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd


ES1AW Product details

Features
● Glass passivated device
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop, High Efficiency
● Surge Overload Rating to 2 5 A Peak
● Low Power Loss
● Ultra-Fast Recovery Time
● Plastic Case Material has UL Flammability
● Classification Rating 94V-O




Similar Part No. - ES1AW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1AW PANJIT-ES1AW Datasheet
103Kb / 3P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES1AW YFWDIODE-ES1AW Datasheet
82Kb / 3P
Surface MountSuperfast Recovery Rectifier
logo
Xian Semipower Electron...
ES1AW SEMIPOWER-ES1AW Datasheet
132Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Yangzhou yangjie electr...
ES1AW YANGJIE-ES1AW Datasheet
212Kb / 2P
Super Fast Rectifier
logo
Nantong Hornby Electron...
ES1AW HORNBY-ES1AW Datasheet
250Kb / 3P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
More results


Similar Description - ES1AW

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1A WTE-ER1A_06 Datasheet
54Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES1A WTE-ES1A_06 Datasheet
54Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
1E1 ZSELEC-1E1 Datasheet
141Kb / 2P
1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
ER1A ZSELEC-ER1A Datasheet
150Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES1A ZSELEC-ES1A Datasheet
139Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2AW ZSELEC-ES2AW Datasheet
107Kb / 2P
2.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
FFM101 ZSELEC-FFM101 Datasheet
145Kb / 2P
1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FFM101-M ZSELEC-FFM101-M Datasheet
145Kb / 2P
1.0A GLASS PASSIVATED FAST RECOVERY DIODE
RS1000FL ZSELEC-RS1000FL Datasheet
140Kb / 2P
1.0A GLASS PASSIVATED FAST RECOVERY DIODE
ES1000FL ZSELEC-ES1000FL Datasheet
141Kb / 2P
1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com