Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR1A Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

FR1A Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # FR1A
Download  FR1A Download
File Size   144.4 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1.0A SURFACE MOUNT FAST RECOVERY DIODE

FR1A Datasheet (PDF)

Go To PDF Page Download Datasheet
FR1A Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # FR1A
Download  FR1A Click to download

File Size   144.4 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 1.0A SURFACE MOUNT FAST RECOVERY DIODE

FR1A Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd


FR1A Product details

Features
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop, High Efficiency
● Surge Overload Rating to 30A Peak
● Low Power Loss
● Ultra-Fast Recovery Time
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - FR1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR1A PANJIT-FR1A Datasheet
60Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
FR1A SURGE-FR1A Datasheet
77Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Won-Top Electronics
FR1A WTE-FR1A Datasheet
50Kb / 3P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Sunrise Electr...
FR1A SSE-FR1A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
More results


Similar Description - FR1A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR1A WTE-FR1A_06 Datasheet
53Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS1A WTE-RS1A_06 Datasheet
53Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
1.0A Surface Mount Fast Recovery Rectifier
logo
Diodes Incorporated
DFLF1800 DIODES-DFLF1800_15 Datasheet
337Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 3
logo
Zibo Seno Electronic En...
RS1A ZSELEC-RS1A Datasheet
149Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY DIODE
RS1ABF ZSELEC-RS1ABF Datasheet
150Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS1AF ZSELEC-RS1AF Datasheet
151Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS1M ZSELEC-RS1M Datasheet
105Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY DIODE
FS1A ZSELEC-FS1A Datasheet
62Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY DIODE
logo
Won-Top Electronics
RS1A WTE-RS1A_V01 Datasheet
43Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
September, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com