Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1801 Datasheet (PDF) - NTE Electronics

NTE1801 Datasheet PDF - NTE Electronics
Part # NTE1801
Download  NTE1801 Download
File Size   22.64 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit TV dbx Noise Reduction System

NTE1801 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1801 Datasheet PDF - NTE Electronics

Part # NTE1801
Download  NTE1801 Click to download

File Size   22.64 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit TV dbx Noise Reduction System

NTE1801 Datasheet (HTML) - NTE Electronics


NTE1801 Product details

Description:

The NTE1801 Multiplexed Sound dbx Noise Reduction Decoder is a single–chip linear IC in a 28–Lead DIP type package suitable for US NTSC System use. The device incorporates two RMS–level sensors and VCA circuits, as well as five operational amplifiers and two buffer circuits.

A complete multiplexed sound system for US NTSC System television sets can be built by interfacing the NTE1801 with the NTE1800 Multiplexed Sound Decoder.



Features:

• Low Distortion Ratio, Low Interference

• Low Power Supply Current

• Single, 8V to 15V Power Supply

• 100mVrms (300Hz, 0dB) Input Voltage (Pin4)

• Easily Interfaced to the NTE1800



Functions:

• On–Chip dbx Noise Reduction Decoder and VCA Circuits

• On–Chip RMS Level Sensor

• L + R Signal Buffer Amplifier



 




Similar Part No. - NTE1801

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE180 NTE-NTE180 Datasheet
23Kb / 2P
Silicon Power Transistor High Power Audio Amplifier
NTE1800 NTE-NTE1800 Datasheet
23Kb / 3P
Integrated Circuit TV Multiplex Sound Decoder
NTE1802 NTE-NTE1802 Datasheet
31Kb / 4P
Integrated Circuit Power Amplifier for Car Stereo Radio, 12W/Ch or 24W BTL
NTE1803 NTE-NTE1803 Datasheet
35Kb / 5P
Integrated Circuit Stereo Audio Control
NTE1804 NTE-NTE1804 Datasheet
26Kb / 3P
Integrated Circuit Vertical Deflection Circuit for Large Screen TV
More results


Similar Description - NTE1801

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15014 NTE-NTE15014 Datasheet
22Kb / 3P
Integrated Circuit Dual dbxII Noise Reduction System
NTE15023 NTE-NTE15023 Datasheet
25Kb / 3P
Integrated Circuit dbx TV Noise Reduction Integrated Circuit
NTE1744 NTE-NTE1744 Datasheet
22Kb / 3P
Integrated Circuit Dual dbxII Noise Reduction System
NTE1794 NTE-NTE1794 Datasheet
23Kb / 2P
Integrated Circuit Volatge Controlled Amp (VCA) for dbx Noise Reduction System
NTE1795 NTE-NTE1795 Datasheet
19Kb / 2P
Integrated Circuit RMS Level Sensor for dbx Noise Reduction System
NTE1859 NTE-NTE1859 Datasheet
28Kb / 3P
Integrated Circuit dbx TV Noise Reduction Integrated Circuit
NTE2004 NTE-NTE2004 Datasheet
24Kb / 2P
Integrated Circuit Dolby Noise Reduction Circuit
logo
Panasonic Semiconductor
AN6291 PANASONIC-AN6291 Datasheet
86Kb / 7P
Dual dbx II Noise Reduction System ICs
AN7367K PANASONIC-AN7367K Datasheet
62Kb / 6P
dbx II Noise Reduction IC for Cassette Deck
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
Integrated Circuit Dolby B Type Noise Reduction System
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com