Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8939 Datasheet (PDF) - NXP Semiconductors

TDA8939 Datasheet PDF - NXP Semiconductors
Part # TDA8939
Download  TDA8939 Download
File Size   99.39 Kbytes
Page   21 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Zero dead time Class-D 7.5 A power comparator

TDA8939 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA8939 Datasheet PDF - NXP Semiconductors

Part # TDA8939
Download  TDA8939 Click to download

File Size   99.39 Kbytes
Page   21 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Zero dead time Class-D 7.5 A power comparator

TDA8939 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - TDA8939

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8931 PHILIPS-TDA8931 Datasheet
165Kb / 31P
Power comparator 1 X 20 W
Rev. 01-14 January 2004
TDA8931T PHILIPS-TDA8931T Datasheet
165Kb / 31P
Power comparator 1 X 20 W
Rev. 01-14 January 2004
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
Class-D audio amplifier
Rev.02-12 December 2006
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932BT NXP-TDA8932BT Datasheet
319Kb / 48P
Class-D audio amplifier
Rev. 04-18 December 2008
More results


Similar Description - TDA8939

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4461 CIRRUS-CS4461 Datasheet
254Kb / 11P
Multi-Bit A/D for Class-D Real-Time PSR Feedback
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
Bridge Controller with Precision Dead Time Control
September 1, 2005
logo
Silicon Laboratories
SI824X SILABS-SI824X_11 Datasheet
423Kb / 30P
CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Microchip Technology
MCP6V11 MICROCHIP-MCP6V11 Datasheet
3Mb / 40P
7.5 關A, 80 kHz Zero-Drift Op Amps
11/29/11
logo
STMicroelectronics
STGIPS40W60L1 STMICROELECTRONICS-STGIPS40W60L1 Datasheet
612Kb / 21P
Dead time and interlocking function
August 2012 Rev 3
logo
IXYS Corporation
IX21844 IXYS-IX21844 Datasheet
307Kb / 14P
Programmable Dead-Time
logo
Silicon Laboratories
SI824X SILABS-SI824X Datasheet
1Mb / 30P
CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
Bridge Controller with Precision Dead Time Control
logo
Microchip Technology
MCP6V16 MICROCHIP-MCP6V16 Datasheet
3Mb / 52P
7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
logo
Skyworks Solutions Inc.
SI824X SKYWORKS-SI824X Datasheet
2Mb / 30P
CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com