Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU4101-TT3 Datasheet (PDF) - Vishay Siliconix

TFDU4101-TT3 Datasheet PDF - Vishay Siliconix
Part # TFDU4101-TT3
Download  TFDU4101-TT3 Download
File Size   283.37 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications

TFDU4101-TT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFDU4101-TT3 Datasheet PDF - Vishay Siliconix

Part # TFDU4101-TT3
Download  TFDU4101-TT3 Click to download

File Size   283.37 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications

TFDU4101-TT3 Datasheet (HTML) - Vishay Siliconix


TFDU4101-TT3 Product details

• Operates from 2.4 V to 5.5 V within
specification over full temperature range from
- 30 °C to + 85 °C
• Split power supply, transmitter and receiver
can be operated from two power supplies
with relaxed requirements saving costs,
US - patent no. 6,157,476
• Low power consumption (< 0.12 mA supply current in
receive mode, no signal)
• Power shutdown mode (< 4 μA shutdown current in full
temperature range, up to 85 °C, < 10 nA at 25 °C)
• Surface mount package (L x W x H in mm): 9.7 × 4.7 × 4
• High efficiency emitter
• Low profile (universal) package capable of surface mount
soldering to side and top view orientation
• Directly Interfaces with various super I/O and controller
devices as e. g. TOIM4232
• Tri-state-receiver output, floating in shut down with a
weak pull-up
• Qualified for lead (Pb)-free and Sn/Pb processing (MSL4)




Similar Part No. - TFDU4101-TT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4101-TT3 VISHAY-TFDU4101-TT3 Datasheet
266Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
11-Jul-06
TFDU4101-TT3 VISHAY-TFDU4101-TT3 Datasheet
273Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
04-Dec-07
TFDU4101-TT3 VISHAY-TFDU4101-TT3 Datasheet
270Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
08-Jul-09
TFDU4101-TT3 VISHAY-TFDU4101-TT3 Datasheet
438Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
25-Jul-2022
More results


Similar Description - TFDU4101-TT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s)
26-Jan-04
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
11-Jul-06
TFDU4101 VISHAY-TFDU4101_07 Datasheet
273Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
04-Dec-07
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
16-Sep-09
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
08-Jul-09
TFDU4301-TT1 VISHAY-TFDU4301-TT1 Datasheet
207Kb / 12P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
22-Apr-10
TFDU4101 VISHAY-TFDU4101_V01 Datasheet
438Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
25-Jul-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
28-Oct-2022
TFDU4101 VISHAY-TFDU4101_V02 Datasheet
439Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
25-Jul-2022
TFDU4301 VISHAY-TFDU4301_V01 Datasheet
331Kb / 14P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
28-Oct-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com