Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD-020N004A Datasheet (PDF) - Vishay Siliconix

LCD-020N004A Datasheet PDF - Vishay Siliconix
Part # LCD-020N004A
Download  LCD-020N004A Download
File Size   73.94 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 20 x 4 Character LCD

LCD-020N004A Datasheet (PDF)

Go To PDF Page Download Datasheet
LCD-020N004A Datasheet PDF - Vishay Siliconix

Part # LCD-020N004A
Download  LCD-020N004A Click to download

File Size   73.94 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 20 x 4 Character LCD

LCD-020N004A Datasheet (HTML) - Vishay Siliconix


LCD-020N004A Product details

• Type: Character
• Display format: 20 x 4 characters
• Built-in controller: ST 7066 (or equivalent)
• Duty cycle: 1/16
• 5 x 8 dots includes cursor
• + 5 V power supply (also available for + 3 V)
• LED can be driven by pin 1, pin 2, pin 15, pin 16 or A and K
• N.V. optional for + 3 V power supply
• LCD-020N004B: FCC connector
• LCD-020N004F: 7 colors LED option




Similar Part No. - LCD-020N004A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020N004A VISHAY-LCD-020N004A Datasheet
71Kb / 3P
20 x 4 Character LCD
09-Oct-12
LCD-020N004A VISHAY-LCD-020N004A Datasheet
71Kb / 3P
20 x 4 Character LCD
09-Oct-12
LCD-020N004A VISHAY-LCD-020N004A_V01 Datasheet
71Kb / 3P
20 x 4 Character LCD
09-Oct-12
More results


Similar Description - LCD-020N004A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020M004B VISHAY-LCD-020M004B Datasheet
115Kb / 3P
20 x 4 Character LCD
01-Oct-02
LCD-020M004D VISHAY-LCD-020M004D Datasheet
116Kb / 3P
20 x 4 Character LCD
01-Oct-02
LCD-020M004L VISHAY-LCD-020M004L Datasheet
118Kb / 3P
20 x 4 Character LCD
01-Oct-02
LCD-020N004D VISHAY-LCD-020N004D Datasheet
75Kb / 3P
20 x 4 Character LCD
09-Oct-12
LCD-020N004L VISHAY-LCD-020N004L Datasheet
76Kb / 3P
20 x 4 Character LCD
09-Oct-12
LCD-020N004A VISHAY-LCD-020N004A_V01 Datasheet
71Kb / 3P
20 x 4 Character LCD
09-Oct-12
LCD-020N004D VISHAY-LCD-020N004D_V01 Datasheet
72Kb / 3P
20 x 4 Character LCD
09-Oct-12
LCD-020N004D VISHAY-LCD-020N004D_V02 Datasheet
73Kb / 3P
20 x 4 Character LCD
09-Oct-12
LCD-020N004B VISHAY-LCD-020N004B_V02 Datasheet
71Kb / 3P
20 x 4 Character LCD
09-Oct-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com