Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE185 Datasheet (PDF) - NTE Electronics

NTE185 Datasheet PDF - NTE Electronics
Part # NTE185
Download  NTE185 Download
File Size   22.3 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Audio Power Amp, Switch

NTE185 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE185 Datasheet PDF - NTE Electronics

Part # NTE185
Download  NTE185 Click to download

File Size   22.3 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Audio Power Amp, Switch

NTE185 Datasheet (HTML) - NTE Electronics


NTE185 Product details

Description:

The NTE184 (NPN) and NTE185 (PNP) are silicon complementary transistors in a TO126 plastic package designed for use in power amplifier and switching circuits.



Features:

• Excellent Safe Area Limits



 




Similar Part No. - NTE185

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1850 NTE-NTE1850 Datasheet
28Kb / 3P
Integrated Circuit Dual 12W/Channel Audio Power Amplifier
NTE1851 NTE-NTE1851 Datasheet
32Kb / 4P
Integrated Circuit Audio Amplifier, 24W BTL
NTE1852 NTE-NTE1852 Datasheet
90Kb / 2P
Integrated Circuit 4W Audio Amplifier with DC Volume Control
NTE1853 NTE-NTE1853 Datasheet
40Kb / 6P
Integrated Circuit Digital Filter for Compact Disc Digital Audio System
NTE1854D NTE-NTE1854D Datasheet
27Kb / 3P
Integrated Circuit Dual Power Operational Amplifie
More results


Similar Description - NTE185

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE152 NTE-NTE152 Datasheet
21Kb / 2P
Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE2343 NTE-NTE2343 Datasheet
22Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE2351 NTE-NTE2351 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE241 NTE-NTE241 Datasheet
21Kb / 2P
Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE270 NTE-NTE270 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE289 NTE-NTE289 Datasheet
23Kb / 2P
Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE291 NTE-NTE291 Datasheet
24Kb / 2P
Silicon Complementary Transistors Medium Power Amp, Switch
NTE331 NTE-NTE331 Datasheet
21Kb / 2P
Silicon Complementary Transistors Audio Power Amp, Switch
NTE377 NTE-NTE377 Datasheet
19Kb / 2P
Silicon Complementary Transistors Power Amp Driver, Output, Switch
NTE92 NTE-NTE92 Datasheet
20Kb / 2P
Silicon Complementary Transistors Hi-Fi Power Amp, Audio Ourtput
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com