Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

153CRV Datasheet (PDF) - Vishay Siliconix

153CRV Datasheet PDF - Vishay Siliconix
Part # 153CRV
Download  153CRV Download
File Size   123.77 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical

153CRV Datasheet (PDF)

Go To PDF Page Download Datasheet
153CRV Datasheet PDF - Vishay Siliconix

Part # 153CRV
Download  153CRV Click to download

File Size   123.77 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical

153CRV Datasheet (HTML) - Vishay Siliconix


153CRV Product details

• Polarized aluminum electrolytic capacitors,
non-solid electrolyte, self healing
• SMD-version with base plate, vertical
construction requiring minimum board space,
lead (Pb)-free reflow solderable
• High CV per unit volume
• Long useful life: 2000 h to 3000 h at 105 °C
• Charge and discharge proof, no peak current limitation
• Supplied in blister tape on reel
• ATTENTION: for maximum safe soldering conditions refer
to Fig. 4




Similar Part No. - 153CRV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CRV VISHAY-153CRV Datasheet
541Kb / 9P
Aluminum Capacitors SMD (Chip) Long Life Vertical
12-Dec-07
153CRV VISHAY-153CRV Datasheet
115Kb / 9P
Aluminum Capacitors SMD (Chip) Long Life Vertical
13-Mar-12
153CRV VISHAY-153CRV Datasheet
118Kb / 9P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
15-Dec-2020
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
Aluminum Capacitors SMD (Chip) Long Life Vertical
13-Mar-12
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
15-Dec-2020
More results


Similar Description - 153CRV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CLV VISHAY-153CLV Datasheet
250Kb / 8P
Aluminum Capacitors SMD (Chip) Long Life Vertical
07-Nov-05
153CRV VISHAY-153CRV Datasheet
541Kb / 9P
Aluminum Capacitors SMD (Chip) Long Life Vertical
12-Dec-07
153CLV VISHAY-153CLV_08 Datasheet
112Kb / 8P
Aluminum Capacitors SMD (Chip) Long Life Vertical
16-May-08
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
Aluminum Capacitors SMD (Chip) Long Life
11-Feb-13
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
Aluminum Capacitors SMD (Chip) Long Life Vertical
13-Mar-12
222215370109 VISHAY-222215370109 Datasheet
115Kb / 9P
Aluminum Capacitors SMD (Chip) Long Life Vertical
13-Mar-12
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life
29-Sep-16
139CLL VISHAY-139CLL_V01 Datasheet
122Kb / 8P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life
29-Sep-16
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
15-Dec-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com