Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

013RLC Datasheet (PDF) - Vishay Siliconix

013RLC Datasheet PDF - Vishay Siliconix
Part # 013RLC_16
Download  013RLC Download
File Size   108.77 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial Low Leakage Current

013RLC Datasheet (PDF)

Go To PDF Page Download Datasheet
013RLC Datasheet PDF - Vishay Siliconix

Part # 013RLC_16
Download  013RLC Click to download

File Size   108.77 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial Low Leakage Current

013RLC Datasheet (HTML) - Vishay Siliconix


013RLC Product details

• Useful life at +85 °C: 3000 h
• Low leakage current, low energy consumption
• Miniaturized, high CV-product per unit volume
• Natural pitch 2.5 mm and 5 mm
• Polarized aluminum electrolytic capacitors, non-solid
electrolyte
• Radial leads, cylindrical aluminum case, all-insulated (light
blue)
• Charge and discharge proof




Similar Part No. - 013RLC_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
013RLC VISHAY-013RLC_V01 Datasheet
90Kb / 7P
Aluminum Electrolytic Capacitors Radial Low Leakage Current
15-Jul-16
More results


Similar Description - 013RLC_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
013RLC VISHAY-013RLC Datasheet
99Kb / 7P
Aluminum Capacitors Radial Low Leakage Current
20-Jun-08
logo
Illinois Capacitor, Inc...
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
85째C Low Leakage Current Aluminum Electrolytic Capacitors
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
RA220M1CBK050110 RFE-RA220M1CBK050110 Datasheet
93Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RA Series: Radial Very Low Leakage, 105C
SA0R1M1HSA040070 RFE-SA0R1M1HSA040070 Datasheet
84Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS SA Series: Radial, Miniature, Low Leakage Current, 105C
SSL0R1M1HSA040050 RFE-SSL0R1M1HSA040050 Datasheet
82Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS SSL Series: Radial Micro-Miniature Size, Low Leakage
logo
Vishay Siliconix
013RLC VISHAY-013RLC_V01 Datasheet
90Kb / 7P
Aluminum Electrolytic Capacitors Radial Low Leakage Current
15-Jul-16
logo
RFE international
RA220M1CBK050110 RFE-RA220M1CBK050110_V01 Datasheet
987Kb / 4P
Aluminum Electrolytic Capacitors RA Series: Radial, Very Low Leakage, 105°C
31-AUG-2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com