Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7037 Datasheet (PDF) - Integrated Device Technology

IDT7037 Datasheet PDF - Integrated Device Technology
Part # IDT7037
Download  IDT7037 Download
File Size   150.25 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM

IDT7037 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7037 Datasheet PDF - Integrated Device Technology

Part # IDT7037
Download  IDT7037 Click to download

File Size   150.25 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM

IDT7037 Datasheet (HTML) - Integrated Device Technology


IDT7037 Product details

Description
The IDT7037 is a high-speed 32K x 18 Dual-Port Static RAM. The IDT7037 is designed to be used as a stand-alone 576K-bit Dual-Port RAM or as a combination MASTER/SLAVE Dual-Port RAM for 36-bit-or-more word systems. Using the IDT MASTER/SLAVE Dual-Port RAM approach in 36-bit or wider memory system applications results in full-speed, error-free operation without the need for additional discrete logic.

Features
◆ True Dual-Ported memory cells which allow simultaneous reads of the same memory location
◆ High-speed access
   – Commercial: 15/20ns (max.)
◆ Low-power operation
   – IDT7037L
      Active: 1W (typ.)
      Standby: 1mW (typ.)
◆ Dual chip enables allow for depth expansion without external logic
◆ IDT7037 easily expands data bus width to 36 bits or more using the Master/Slave select when cascading more than one device
◆ M/S = VIH for BUSY output flag on Master, M/S = VIL for BUSY input on Slave
◆ Interrupt Flag
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling between ports
◆ Fully asynchronous operation from either port
◆ Separate upper-byte and lower-byte controls for multiplexed bus and bus matching compatibility
◆ TTL-compatible, single 5V (±10%) power supply
◆ Available in a 100-pin TQFP
◆ Industrial temperature range (–40°C to +85°C) is available for selected speeds




Similar Part No. - IDT7037

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7037L IDT-IDT7037L Datasheet
686Kb / 17P
HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
IDT7037L IDT-IDT7037L_15 Datasheet
686Kb / 17P
HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
More results


Similar Description - IDT7037

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7017L IDT-IDT7017L Datasheet
267Kb / 17P
HIGH-SPEED 32K x 9 DUAL-PORT STATIC RAM
IDT70V37L IDT-IDT70V37L Datasheet
158Kb / 17P
HIGH-SPEED 3.3V 32K x 18 DUAL- STATIC RAM
IDT70V37L IDT-IDT70V37L_15 Datasheet
659Kb / 17P
HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7037L IDT-IDT7037L_15 Datasheet
686Kb / 17P
HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
IDT70V37L IDT-IDT70V37L_17 Datasheet
182Kb / 17P
HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_18 Datasheet
188Kb / 20P
HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V37 RENESAS-70V37 Datasheet
464Kb / 19P
HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
JUNE 2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com