Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG402-89 Datasheet (PDF) - List of Unclassifed Manufacturers

AG402-89 Datasheet PDF - List of Unclassifed Manufacturers
Part # AG402-89
Download  AG402-89 Download
File Size   250.07 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AG402-89 InGaP HBT Gain Block

AG402-89 Datasheet (PDF)

Go To PDF Page Download Datasheet
AG402-89 Datasheet PDF - List of Unclassifed Manufacturers

Part # AG402-89
Download  AG402-89 Click to download

File Size   250.07 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AG402-89 InGaP HBT Gain Block

AG402-89 Datasheet (HTML) - List of Unclassifed Manufacturers


AG402-89 Product details

[WJ]

Product Description
The AG402-89 is a general-purpose buffer amplifier that offers high dynamic range in a low-cost surface-mount package. At 900 MHz, the AG402-89 typically provides 15 dB of gain, +31.5 dBm Output IP3, and +17 dBm P1dB. The device combines dependable performance with superb quality to maintain MTTF values exceeding 1000 years at mounting temperatures of +85°C and is available in both the standard SOT-89 package and the environmentallyfriendly lead-free/green/RoHS-compliant SOT-89 package.

Product Features
• DC – 6000 MHz
• +17 dBm P1dB at 900 MHz
• +31.5 dBm OIP3 at 900 MHz
• 15 dB Gain at 900 MHz
• Single Voltage Supply
• Internally matched to 50 Ω
• Lead-free/Green/RoHS compliant SOT-89 Package
• MTTF > 1000 years

Applications
• Mobile Infrastructure
• CATV / DBS
• W-LAN / ISM
• RFID
• Defense / Homeland Security
• Fixed Wireless




Similar Part No. - AG402-89

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG402-89 WJCI-AG402-89 Datasheet
506Kb / 6P
InGaP HBT Gain Block
AG402-89 WJCI-AG402-89 Datasheet
288Kb / 5P
InGaP HBT Gain Block
AG402-89-RFID WJCI-AG402-89-RFID Datasheet
506Kb / 6P
InGaP HBT Gain Block
AG402-89G WJCI-AG402-89G Datasheet
506Kb / 6P
InGaP HBT Gain Block
AG402-89G WJCI-AG402-89G Datasheet
288Kb / 5P
InGaP HBT Gain Block
More results


Similar Description - AG402-89

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
InGaP HBT Gain Block
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
InGaP HBT Gain Block
ECG004 WJCI-ECG004 Datasheet
125Kb / 4P
InGaP HBT Gain Block
AG402-89-RFID WJCI-AG402-89-RFID Datasheet
506Kb / 6P
InGaP HBT Gain Block
AG503-86-RFID WJCI-AG503-86-RFID Datasheet
486Kb / 6P
InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
InGaP HBT Gain Block
AG604-86-RFID WJCI-AG604-86-RFID Datasheet
179Kb / 5P
InGaP HBT Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com