Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDR42400 Datasheet (PDF) - A-Data Technology

DDR42400 Datasheet PDF - A-Data Technology
Part # DDR42400
Download  DDR42400 Download
File Size   394.88 Kbytes
Page   2 Pages
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology
Description High speed up to 2400MHz

DDR42400 Datasheet (PDF)

Go To PDF Page Download Datasheet
DDR42400 Datasheet PDF - A-Data Technology

Part # DDR42400
Download  DDR42400 Click to download

File Size   394.88 Kbytes
Page   2 Pages
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology
Description High speed up to 2400MHz

DDR42400 Datasheet (HTML) - A-Data Technology




Similar Part No. - DDR42400

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
High speed up to 2400MHz
More results


Similar Description - DDR42400

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
High speed clock action up to 5MHz(Max)
logo
List of Unclassifed Man...
CA14 ETC2-CA14 Datasheet
675Kb / 7P
2400MHz to 2500MHz WLAN/WIFI/Bluetooth/Zigbee
WLA01 ETC2-WLA01 Datasheet
1Mb / 14P
2.5dBi 2400MHz to 2500MHz WLAN/WIFI/Bluetooth/Zigbee
logo
Taoglas antenna solutio...
WCM.01.0151W TAOGLAS-WCM.01.0151W Datasheet
4Mb / 30P
2400MHz to 2500MHz Antenna
logo
A-Data Technology
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
High speed up to 800MHz
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
High speed up to 1600MHz
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
High speed up to 1600MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
High speed up to 2133MHz
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
High speed up to 2400MHz
logo
Vecow Co., Ltd.
EMBC-3000 VECOW-EMBC-3000 Datasheet
852Kb / 2P
DDR4 2400MHz memory, up to 32GB
More results




About A-Data Technology


A-Data Technology is a Taiwan-based company that specializes in the design and manufacture of memory and storage products.
The company was founded in 2002 and has a strong presence in the global market, with operations and facilities in various countries across Asia, Europe, and the Americas.
A-Data offers a wide range of products including memory modules, solid-state drives (SSDs), flash memory cards, and other storage devices.
The company is known for its high-quality products, competitive prices, and innovation in the memory and storage industry.
A-Data works closely with its customers to provide customized memory and storage solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com