Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2941T Datasheet (PDF) - List of Unclassifed Manufacturers

LM2941T Datasheet PDF - List of Unclassifed Manufacturers
Part # LM2941T
Download  LM2941T Download
File Size   196.39 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.25A High Current Low Dropout

LM2941T Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2941T Datasheet PDF - List of Unclassifed Manufacturers

Part # LM2941T
Download  LM2941T Click to download

File Size   196.39 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.25A High Current Low Dropout

LM2941T Datasheet (HTML) - List of Unclassifed Manufacturers


LM2941T Product details

[Bay Linear]

Description
The Bay Linear LM2940 & LM2941 is a 1.25A high accuracy, low dropout voltage regulator with only 40mV at light loads and 350mV(Typ.)@ 1.0A) and low quiescent current of 240µA typical.

Features
• High output accuracy of 1%
• Output Adjustable from 1.24V to 26V
• Output Current of 1.25A
• Low Dropout Voltage
• Low quiescent current
• Extremely Tight Load & Line Regulation
• Reverse-battery and “Load Dump” Protection
• Zero Current Shutdown Mode (5-pin version)
• Offer in TO-263, TO-220, SOT-223, & New Slim LPDD
• Similar to industry Standard MIC2940LM2941

Applications
• Powering VGA & Sound Card
• LCD Monitor
• Battery Powered Equipments/Laptop & Notebook
• SMPS Post Regulator / DC to DC Modules
• High Efficiency Linear Power Supply
• Adjustable Power Supply
• Bar Code Scanners




Similar Part No. - LM2941T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2941T NSC-LM2941T Datasheet
322Kb / 10P
1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941T TI1-LM2941T Datasheet
3Mb / 26P
LM2941/LM2941C 1A Low Dropout Adjustable Regulator
LM2941T TI1-LM2941T Datasheet
3Mb / 30P
1A Low Dropout Adjustable Regulator
LM2941T/LB03 TI1-LM2941T/LB03 Datasheet
3Mb / 26P
LM2941/LM2941C 1A Low Dropout Adjustable Regulator
LM2941T/LB03 TI1-LM2941T/LB03 Datasheet
3Mb / 30P
1A Low Dropout Adjustable Regulator
More results


Similar Description - LM2941T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
High-Current Low-Dropout Regulators
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
logo
List of Unclassifed Man...
LM3940 ETC-LM3940 Datasheet
145Kb / 3P
1.25A High Current Low Dropout
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
High-Current Low-Dropout Regulators
logo
Anaren Microwave
MSK5102 ANAREN-MSK5102 Datasheet
375Kb / 6P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Microchip Technology
MIC2940A MICROCHIP-MIC2940A Datasheet
2Mb / 24P
1.25A Low Dropout Voltage Regulator
09/14/21
logo
TECH PUBLIC Electronics...
MIC29302WU TECHPUBLIC-MIC29302WU Datasheet
3Mb / 8P
High-Current Low Dropout Reaulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com