Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3S06U Datasheet (PDF) - Toshiba Semiconductor

MT3S06U Datasheet PDF - Toshiba Semiconductor
Part # MT3S06U
Download  MT3S06U Download
File Size   121.7 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE

MT3S06U Datasheet (PDF)

Go To PDF Page Download Datasheet
MT3S06U Datasheet PDF - Toshiba Semiconductor

Part # MT3S06U
Download  MT3S06U Click to download

File Size   121.7 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE

MT3S06U Datasheet (HTML) - Toshiba Semiconductor


MT3S06U Product details

VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS

• Low Noise Figure : NF = 1.6dB (VCE = 3 V, IC = 3 mA, f = 2 GHz)
• High Gain : |S21e|2 = 9.5dB (VCE = 3 V, IC = 7 mA, f = 2 GHz)




Similar Part No. - MT3S06U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S06FS TOSHIBA-MT3S06FS Datasheet
129Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT3S06S TOSHIBA-MT3S06S Datasheet
121Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT3S06S TOSHIBA-MT3S06S Datasheet
87Kb / 3P
VHF-UHF Band Low Noise Amplifier Application
MT3S06S TOSHIBA-MT3S06S Datasheet
201Kb / 2P
MT6L57AE
MT3S06S TOSHIBA-MT3S06S Datasheet
108Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
More results


Similar Description - MT3S06U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S03AT TOSHIBA-MT3S03AT Datasheet
244Kb / 4P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT3S03AU TOSHIBA-MT3S03AU Datasheet
119Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT3S06S TOSHIBA-MT3S06S Datasheet
121Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT4S06 TOSHIBA-MT4S06 Datasheet
122Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT6L03AE TOSHIBA-MT6L03AE Datasheet
144Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT6C03AE TOSHIBA-MT6C03AE Datasheet
151Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT6L03AT TOSHIBA-MT6L03AT Datasheet
150Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT6L04AE TOSHIBA-MT6L04AE Datasheet
151Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT4S32U TOSHIBA-MT4S32U Datasheet
161Kb / 8P
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
2SC2652 TOSHIBA-2SC2652 Datasheet
161Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com