Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS_M366S2953MTS Datasheet (PDF) - Samsung semiconductor

DS_M366S2953MTS Datasheet PDF - Samsung semiconductor
Part # DS_M366S2953MTS
Download  DS_M366S2953MTS Download
File Size   135.56 Kbytes
Page   9 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description PC133/PC100 Unbuffered DIMM

DS_M366S2953MTS Datasheet (PDF)

Go To PDF Page Download Datasheet
DS_M366S2953MTS Datasheet PDF - Samsung semiconductor

Part # DS_M366S2953MTS
Download  DS_M366S2953MTS Click to download

File Size   135.56 Kbytes
Page   9 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description PC133/PC100 Unbuffered DIMM

DS_M366S2953MTS Datasheet (HTML) - Samsung semiconductor


DS_M366S2953MTS Product details

GENERAL DESCRIPTION
The Samsung M366S2953MTS is a 64M bit x 64 Synchronous Dynamic RAM high density memory module. The Samsung M366S2953MTS consists of sixteen CMOS 64M x 8 bit with 4banks Synchronous DRAMs in TSOP-II 400mil package and a 2K EEPROM in 8-pin TSSOP package on a 168-pin glass-epoxy substrate. Two 0.1uF decoupling capacitors are mounted on the printed circuit board in parallel for each SDRAM.
The M366S2953MTS is a Dual In-line Memory Module and is intended for mounting into 168-pin edge connector sockets.
Synchronous design allows precise cycle control with the use of system clock. I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable latencies allows the same device to be useful for a variety of high bandwidth, high performance memory system applications.

FEATURE
• Performance range
• Burst mode operation
• Auto & self refresh capability (8192 Cycles/64ms)
• LVTTL compatible inputs and outputs
• Single 3.3V ± 0.3V power supply
• MRS cycle with address key programs
   Latency (Access from column address)
   Burst length (1, 2, 4, 8 & Full page)
   Data scramble (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the
   system clock
• Serial presence detect with EEPROM
• PCB : Height (1,375mil), double sided component




Similar Part No. - DS_M366S2953MTS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_M368L3223DTL SAMSUNG-DS_M368L3223DTL Datasheet
82Kb / 12P
256MB DDR SDRAM MODULE
More results


Similar Description - DS_M366S2953MTS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M366S1723DTS SAMSUNG-M366S1723DTS Datasheet
146Kb / 11P
PC133/PC100 Unbuffered DIMM
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
66Kb / 7P
PC100 Unbuffered DIMM
M390S2858DTU SAMSUNG-M390S2858DTU Datasheet
244Kb / 12P
PC133/PC100 Low Profile Registered DIMM
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
M390S2858CTU SAMSUNG-M390S2858CTU Datasheet
244Kb / 12P
PC133/PC100 Low Profile Registered DIMM
M366S1623DT0 SAMSUNG-M366S1623DT0 Datasheet
136Kb / 9P
PC100 Unbuffered DIMM
M366S1623DT0-C7A SAMSUNG-M366S1623DT0-C7A Datasheet
154Kb / 10P
PC133 Unbuffered DIMM
M366S1623DT0-C75 SAMSUNG-M366S1623DT0-C75 Datasheet
154Kb / 10P
PC133 Unbuffered DIMM
logo
Pericom Semiconductor C...
AB32 PERICOM-AB32 Datasheet
27Kb / 2P
3.3V Bus Switches for PC100/PC133 DIMM Switching
logo
Samsung semiconductor
M366S6453CTS SAMSUNG-M366S6453CTS Datasheet
172Kb / 11P
PC133/PC100 Unbuffered DIMM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com