| Manufacturer | Part # | Datasheet | Description |
 New Jersey Semi-Conduct... |
2N1770
|
343Kb / 1P |
BROAD VOLTAGE RANGE
|
 Hi-Sincerity Mocroelect... |
H177
|
207Kb / 6P |
Wide range of supply voltage: 3.5V to 28V.
|
 Amphenol Corporation |
KU28
|
91Kb / 4P |
Available as a broad range of resistances and material systems
|
 Maxim Integrated Produc... |
MAX12934FWEVKIT
|
1Mb / 9P |
Broad Range of Data Transfer Rates (from DC to 200Mbps)
2017 |
|
MAX12935BWEVKIT
|
1Mb / 9P |
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 11/17 |
|
MAX14435FWEVKIT
|
1Mb / 11P |
Broad Range of Data Transfer Rates (from DC to200Mbps)
Rev 0; 7/17 |
 New Jersey Semi-Conduct... |
C45
|
262Kb / 3P |
Broad Voltage Range?봘p to 800 V
|
 Maxim Integrated Produc... |
MAX14430FSEVKIT
|
1Mb / 11P |
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 3; 9/20 |
|
MAX12934BWEVKIT
|
1Mb / 9P |
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 1; 8/20 |
|
MAX22246CWEVKIT
|
1Mb / 11P |
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 5/20 |