Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40IMX15 Datasheet (PDF) - Bel Fuse Inc.

40IMX15 Datasheet PDF - Bel Fuse Inc.
Part # 40IMX15
Download  40IMX15 Download
File Size   1216.06 Kbytes
Page   19 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 15 Watt DC-DC Converters

40IMX15 Datasheet (PDF)

Go To PDF Page Download Datasheet
40IMX15 Datasheet PDF - Bel Fuse Inc.

Part # 40IMX15
Download  40IMX15 Click to download

File Size   1216.06 Kbytes
Page   19 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 15 Watt DC-DC Converters

40IMX15 Datasheet (HTML) - Bel Fuse Inc.


40IMX15 Product details

Description
The IMX15, IMS15, and IMY15 Series of board mountable 15 Watt DC-DC converters have been designed according to the latest industry requirements and standards. The converters are particularly suitable for use in mobile or stationary applications in transport, railways, industry, or telecommunication, where variable input voltages or high transient voltages are prevalent.

Features
• RoHS lead-free-solder and lead-solder-exempted products are available.
• Wide input voltage ranges up to 150 VDC
• 1 or 2 isolated outputs up to 48 V
• 1500 to 3000 VAC I/O voltage withstand test
• Emissions EN 55022 level A
• Immunity to IEC/EN 61000-4-2,-3,-4,-5, and -6
• Fire&smoke as per EN 45545
• High efficiency (typ. 86%)
• Input undervoltage lockout
• Shutdown input, adjustable output voltages
• Flex power: Flexible load distribution on outputs
• Outputs no-load, overload, and short-circuit proof
• Operating ambient temperature –40 to 85 °C
• Thermal protection
• 2" x 1.6" case with 10.5 mm profile
• Supplementary insulation: 20/40IMX15 models, double or reinforced insulation: 110IMY15 models Safety-approved to IEC 60950-1 and UL/CSA 60950 -1 2nd Edition




Similar Part No. - 40IMX15

ManufacturerPart #DatasheetDescription
logo
Power-One
40IMX15-03-9RG POWER-ONE-40IMX15-03-9RG Datasheet
132Kb / 4P
15 Watt DC-DC Converters
40IMX15-03-9RG POWER-ONE-40IMX15-03-9RG Datasheet
61Kb / 4P
15 Watt DC-DC Converters
logo
Bel Fuse Inc.
40IMX15-05-05-8RGIZ-G BEL-40IMX15-05-05-8RGIZ-G Datasheet
567Kb / 19P
IMX15, IMY15, IMS15 Series
logo
Power-One
40IMX15-05-05-9 POWER-ONE-40IMX15-05-05-9 Datasheet
132Kb / 4P
15 Watt DC-DC Converters
40IMX15-05-05-9 POWER-ONE-40IMX15-05-05-9 Datasheet
61Kb / 4P
15 Watt DC-DC Converters
More results


Similar Description - 40IMX15

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
15 Watt DC-DC Converters
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
15 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
15 Watt DC-DC Converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
15 Watt DC-DC Converters
logo
AIMTEC
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
15 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
15 watt dc-dc converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
15 Watt DC/DC Power Converters
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com