Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT8110 Datasheet (PDF) - List of Unclassifed Manufacturers

BT8110 Datasheet PDF - List of Unclassifed Manufacturers
Part # BT8110
Download  BT8110 Download
File Size   905.0 Kbytes
Page   84 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High-Capacity ADPCM Processor

BT8110 Datasheet (PDF)

Go To PDF Page Download Datasheet
BT8110 Datasheet PDF - List of Unclassifed Manufacturers

Part # BT8110
Download  BT8110 Click to download

File Size   905.0 Kbytes
Page   84 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High-Capacity ADPCM Processor

BT8110 Datasheet (HTML) - List of Unclassifed Manufacturers


BT8110 Product details

This specification describes the Bt8110 and Bt8110B multichannel ADPCM processor CMOS integrated circuits that implement Adaptive Differential Pulse-Code Modulation (ADPCM) encoding and decoding. The fixed-rate coding algorithms include those specified in ANSI Standard T1.303-1989. These algorithms are identical to those in ITU-T Recommendations G.726 and G.727. These circuits also implement the variable-rate or embedded codes specified in ANSI Standard T1.310-1991 and ITU-T Recommendation G.727.

A single ADPCM processor integrated circuit can provide 24 or 32 full-duplex channels of ADPCM processing (encoding and decoding). In some applications, two circuits can be combined to provide 48 or 64 full-duplex channels. Both A-law and µ-law PCM translations are provided.



Distinguishing Features

• Bt8110B offers internal ROM

• 24 or 32 full-duplex channel capacity (48 or 64 channels with two processors)

• 2-, 3-, 4- and 5-bit quantization dynamically selectable on a channel-by-channel, frame-by-frame basis

• Transparent channel operation

• Two control modes available: microprocessor and hardware.

• Direct framer interface for both T1 and E1 signal formats

• Supports the optimal RESET function described in the algorithm standards

• Supports even-bit inversion of A-law inputs and outputs (required by ITU-T Recommendations G.726, and G.727)

• Minimum throughput delay

• Pin compatible with Bt8110

• 8 mw per-channel, low-power CMOS



Applicable Standards

• ANSI T1.302-1987

• ANSI T1.303-1989

• ANSI T1.310-1991

• ITU-T G.726, G.727

• ANSI T1.501-1994

• ANSI T1Y1 Technical Reports #3 and #10



Applications

• T1/E1 Transcoders

• T1/E1 Multiplexers

• Personal Communications Systems:

  Digital European Cordless Telecommunications (DECT), Personal Access Communications System (PACS)

• Wireless Local Loop

• Voice PairGain

• DCME Systems

• Speech Processing/Recording

• Voice Mail/Packetization

• Voice over ATM/Frame Relay



 




Similar Part No. - BT8110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT810 ETC2-BT810 Datasheet
131Kb / 2P
Bluetooth v4.0 Class 1 USB HCI Modules and Dongle
logo
Laird Tech Smart Techno...
BT810 LSTD-BT810 Datasheet
130Kb / 2P
Bluetooth v4.0 Class 1 USB HCI Modules and Dongle
logo
Bridgetek Pte Ltd.
BT815 BRIDGETEK-BT815 Datasheet
2Mb / 64P
Embedded Video Engine
Version 1.0
logo
List of Unclassifed Man...
BT815A ETC-BT815A Datasheet
759Kb / 110P
VideoStream Decoders
BT815AKPF ETC-BT815AKPF Datasheet
759Kb / 110P
VideoStream Decoders
More results


Similar Description - BT8110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
ADPCM Transcoder
logo
Dallas Semiconductor
DS2164Q DALLAS-DS2164Q Datasheet
259Kb / 17P
G.726 ADPCM Processor
DS2165-DS2165Q DALLAS-DS2165-DS2165Q Datasheet
336Kb / 17P
16/24/32kbps ADPCM Processor
logo
List of Unclassifed Man...
AT2004 ETC1-AT2004 Datasheet
326Kb / 25P
4 Channels ADPCM Processor with Echo Cancellation and Conferencing
AT2008 ETC1-AT2008 Datasheet
286Kb / 19P
8 Channels ADPCM Processor
logo
Dallas Semiconductor
DS2167 DALLAS-DS2167 Datasheet
88Kb / 15P
ADPCM Processor
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
ADPCM Codec
logo
Maxim Integrated Produc...
DS2167 MAXIM-DS2167 Datasheet
115Kb / 15P
ADPCM Processor
022698
DS2165 MAXIM-DS2165 Datasheet
342Kb / 17P
16/24/32kbps ADPCM Processor
070802
DS2164Q MAXIM-DS2164Q Datasheet
265Kb / 17P
G.726 ADPCM Processor
070802
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com