Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1938 Datasheet (PDF) - NTE Electronics

NTE1938 Datasheet PDF - NTE Electronics
Part # NTE1938
Download  NTE1938 Download
File Size   22.3 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Positive Voltage Regulator, 15V, 2A

NTE1938 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1938 Datasheet PDF - NTE Electronics

Part # NTE1938
Download  NTE1938 Click to download

File Size   22.3 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Positive Voltage Regulator, 15V, 2A

NTE1938 Datasheet (HTML) - NTE Electronics


NTE1938 Product details

Features:

• 3 Pin Plastic Package TO3P

• Only Output Capacitor is Externally Required

• Precise Setting Voltage of ±2%

• Wide Input Voltage Range

• Built–in Current Foldback Protection

• Ideal Combination of Passivated Power Transistor and High Reliability Flip–Chip Circuit



 




Similar Part No. - NTE1938

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE193 NTE-NTE193 Datasheet
22Kb / 2P
Silicon Complementary Transistors Audio Power Output
NTE1930 NTE-NTE1930 Datasheet
21Kb / 3P
Integrated Circuit Positive Adjustable Voltage Regulator, 5V to 37V, 25mA
NTE1932 NTE-NTE1932 Datasheet
23Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator, 10V, 1A
NTE1934 NTE-NTE1934 Datasheet
22Kb / 2P
Integrated Circuit Positive Voltage Regulator, 5V, 2A
NTE1934X NTE-NTE1934X Datasheet
21Kb / 2P
Integrated Circuit Positive Voltage Regulator, 5V, 2A
More results


Similar Description - NTE1938

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1905 NTE-NTE1905 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 100mA
NTE1919 NTE-NTE1919 Datasheet
24Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 1.5A
NTE1934 NTE-NTE1934 Datasheet
22Kb / 2P
Integrated Circuit Positive Voltage Regulator, 5V, 2A
NTE1934X NTE-NTE1934X Datasheet
21Kb / 2P
Integrated Circuit Positive Voltage Regulator, 5V, 2A
NTE1936 NTE-NTE1936 Datasheet
22Kb / 2P
Integrated Circuit Positive Voltage Regulator, 12V, 2A
NTE1940 NTE-NTE1940 Datasheet
22Kb / 2P
Integrated Circuit Positive Voltage Regulator, 24V, 2A
NTE1942 NTE-NTE1942 Datasheet
28Kb / 3P
Integrated Circuit Positive Adjustable Voltage Regulator, 2.85V to 36V, 2A
NTE1955 NTE-NTE1955 Datasheet
20Kb / 2P
Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 15V, 1A
NTE968 NTE-NTE968 Datasheet
21Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator, 15V
NTE969 NTE-NTE969 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, -15V, 1A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com