| Manufacturer | Part # | Datasheet | Description |
 List of Unclassifed Man... |
HCPL-3020
|
73Kb / 1P |
0.2 A Output Current Gate Drive Optocoupler
|
 Agilent(Hewlett-Packard... |
HCPL-T251
|
177Kb / 6P |
0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
|
 AVAGO TECHNOLOGIES LIMI... |
HCPL-314J-500E
|
212Kb / 14P |
0.4 Amp Output Current IGBT Gate Drive Optocoupler
|
|
HCPL-3120-560E
|
507Kb / 24P |
2.5 Amp Output Current IGBT Gate Drive Optocoupler
|
 ON Semiconductor |
FOD8342
|
444Kb / 21P |
3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1 |
|
FOD8343
|
704Kb / 20P |
4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0 |
|
FOD3125
|
301Kb / 18P |
High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2 |
|
FOD3150
|
437Kb / 18P |
Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4 |
|
FOD3120
|
468Kb / 19P |
Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3 |
|
FOD3150
|
504Kb / 18P |
Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5 |