Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75857W Datasheet (PDF) - ON Semiconductor

LC75857W Datasheet PDF - ON Semiconductor
Part # LC75857W
Download  LC75857W Download
File Size   738.44 Kbytes
Page   42 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Duty LCD Driver with Key Input Function

LC75857W Datasheet (PDF)

Go To PDF Page Download Datasheet
LC75857W Datasheet PDF - ON Semiconductor

Part # LC75857W
Download  LC75857W Click to download

File Size   738.44 Kbytes
Page   42 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Duty LCD Driver with Key Input Function

LC75857W Datasheet (HTML) - ON Semiconductor


LC75857W Product details

Overview
The LC75857E and LC75857W are 1/3 duty and 1/4 duty LCD display drivers that can directly drive up to 164 segments and can control up to four general-purpose output ports. These products also incorporate a key scan circuit that accepts input from up to 30 keys to reduce printed circuit board wiring.

Features
● Key input function for up to 30 keys (A key scan is performed only when a key is pressed.)
● 1/3 duty and 1/4 duty drive schemes can be controlled from serial data.
● 1/2 bias and 1/3 bias drive schemes can be controlled from serial data.
● Capable of driving up to 126 segments using 1/3 duty and up to 164 segments using 1/4 duty.
● Sleep mode and all segments off functions that are controlled from serial data.
● Switching between key scan output and segment output can be controlled from the serial data.
● The key scan operation enabled/disabled state can be controlled from the serial data.
● Switching between segment output port and general-purpose output port can be controlled
   from serial data.
● The common and segment output waveform frame frequency can be controlled from the
   serial data.
● Switching between RC oscillator mode and external clock mode can be controlled
   from the serial data.
● Serial data I/O supports CCB format communication with the system controller.
● Direct display of display data without the use of a decoder provides high generality.
● Independent VLCD for the LCD driver block.
   (When the logic block supply voltage VDD is in the range 3.6 to 6.0 V, VLCD can be set to a
   voltage in the range 0.75 VDD to 6.0 V, and when VDD is in the range 2.7 to 3.6 V, VLCD can
   be set to a voltage in the range 2.7 to 6.0 V.)
● Provision of an on-chip voltage-detection type reset circuit prevents incorrect displays.




Similar Part No. - LC75857W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75857W SANYO-LC75857W Datasheet
428Kb / 39P
CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
ON Semiconductor
LC75857W ONSEMI-LC75857W Datasheet
431Kb / 39P
Duty LCD Driver with Key Input Function
July, 2013
More results


Similar Description - LC75857W

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6553 PTC-PT6553 Datasheet
139Kb / 7P
LCD Driver IC with Key Input Function
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
1/3 Duty LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
LCD Driver IC with Key Input Function
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
LCD Driver IC with Key Input Function
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
쩍 Duty LCD Driver with On-Chip Key Input Function
logo
Sanyo Semicon Device
LC75808W SANYO-LC75808W Datasheet
232Kb / 38P
LCD Display Driver with Key Input Function
logo
ON Semiconductor
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
Duty LCD Driver with Key Input Function
July, 2013
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
Duty LCD Display Driver with Key Input Function
October, 2013
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com