Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD453N12S20MC Datasheet (PDF) - International Rectifier

SD453N12S20MC Datasheet PDF - International Rectifier
Part # SD453N12S20MC
Download  SD453N12S20MC Download
File Size   192.79 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FAST RECOVERY DIODES

SD453N12S20MC Datasheet (PDF)

Go To PDF Page Download Datasheet
SD453N12S20MC Datasheet PDF - International Rectifier

Part # SD453N12S20MC
Download  SD453N12S20MC Click to download

File Size   192.79 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FAST RECOVERY DIODES

SD453N12S20MC Datasheet (HTML) - International Rectifier


SD453N12S20MC Product details

Features
■ High power FAST recovery diode series
■ 2.0 to 3.0 µs recovery time
■ High voltage ratings up to 2500V
■ High current capability
■ Optimized turn on and turn off characteristics
■ Low forward recovery
■ Fast and soft reverse recovery
■ Compression bonded encapsulation
■ Stud version case style B-8
■ Maximum junction temperature 150°C

Typical Applications
■ Snubber diode for GTO
■ High voltage free-wheeling diode
■ Fast recovery rectifier applications




Similar Part No. - SD453N12S20MC

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SD453N12S20PC THINKISEMI-SD453N12S20PC Datasheet
1Mb / 9P
400A,1200V Stud Type Silicon Fast Reovery Diode for Exciter
Rev.13T
SD453N12S20PSC THINKISEMI-SD453N12S20PSC Datasheet
1Mb / 9P
400A,1200V Stud Type Silicon Fast Reovery Diode for Exciter
Rev.13T
SD453N12S20PTC THINKISEMI-SD453N12S20PTC Datasheet
1Mb / 9P
400A,1200V Stud Type Silicon Fast Reovery Diode for Exciter
Rev.13T
More results


Similar Description - SD453N12S20MC

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
FAST RECOVERY DIODES
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
Fast Recovery Diodes
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
Fast Recovery Diodes
logo
Guangdong Kexin Industr...
RS1AFH KEXIN-RS1AFH Datasheet
1Mb / 4P
Fast Recovery diodes
logo
Nell Semiconductor Co.,...
40FDR NELLSEMI-40FDR Datasheet
617Kb / 6P
Fast Recovery Diodes
85FDR NELLSEMI-85FDR Datasheet
647Kb / 6P
Fast Recovery Diodes
logo
Shenzhen Luguang Electr...
ZK200A LUGUANG-ZK200A Datasheet
2Mb / 1P
FAST RECOVERY DIODES
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com