Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM10LZ47 Datasheet (PDF) - Toshiba Semiconductor

SM10LZ47 Datasheet PDF - Toshiba Semiconductor
Part # SM10LZ47
Download  SM10LZ47 Download
File Size   99.71 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AC POWER CONTROL APPLICATIONS

SM10LZ47 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM10LZ47 Datasheet PDF - Toshiba Semiconductor

Part # SM10LZ47
Download  SM10LZ47 Click to download

File Size   99.71 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AC POWER CONTROL APPLICATIONS

SM10LZ47 Datasheet (HTML) - Toshiba Semiconductor


SM10LZ47 Product details

AC POWER CONTROL APPLICATIONS



* Repetitive Peak Off−State Voltage  : VDRM = 800V



* R.M.S. On−State Current  : IT (RMS) = 10A



* High Commutation (dv / dt)



* Isolation Voltage  : VISOL = 1500V AC








Similar Part No. - SM10LZ47

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SM10 MIC-SM10 Datasheet
67Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SM10 ETC-SM10 Datasheet
422Kb / 1P
SURFACE MOUNT PRECISION PLATE RESISTORS
logo
M-System Co.,Ltd.
SM10 MSYSTEM-SM10 Datasheet
226Kb / 9P
Single Loop Controller Series
logo
Bourns Electronic Solut...
SM10 BOURNS-SM10 Datasheet
538Kb / 3P
SM8, SM10 Series Riedon™ Precision Wirewound Resistors by Bourns
REV. 09/25
logo
Riedon Powertron
SM10-350RB RIEDON-SM10-350RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
More results


Similar Description - SM10LZ47

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S6903G TOSHIBA-S6903G Datasheet
95Kb / 3P
AC POWER CONTROL APPLICATIONS
SM16G45 TOSHIBA-SM16G45 Datasheet
200Kb / 5P
AC POWER CONTROL APPLICATIONS
SM16GZ47 TOSHIBA-SM16GZ47 Datasheet
213Kb / 5P
AC POWER CONTROL APPLICATIONS
SM1L43 TOSHIBA-SM1L43 Datasheet
180Kb / 5P
AC POWER CONTROL APPLICATIONS
SM3G45 TOSHIBA-SM3G45 Datasheet
223Kb / 5P
AC POWER CONTROL APPLICATIONS
SM12JZ47A TOSHIBA-SM12JZ47A Datasheet
208Kb / 5P
AC POWER CONTROL APPLICATIONS
SM2L54 TOSHIBA-SM2L54 Datasheet
226Kb / 5P
AC POWER CONTROL APPLICATIONS
SM6G48 TOSHIBA-SM6G48 Datasheet
143Kb / 2P
AC POWER CONTROL APPLICATIONS
SM8G48 TOSHIBA-SM8G48 Datasheet
225Kb / 5P
AC POWER CONTROL APPLICATIONS
SM08G43 TOSHIBA-SM08G43 Datasheet
191Kb / 5P
AC POWER CONTROL APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com