Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDX-C120 Datasheet (PDF) - Bel Fuse Inc.

LDX-C120 Datasheet PDF - Bel Fuse Inc.
Part # LDX-C120
Download  LDX-C120 Download
File Size   474.32 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description DC-UPS with charging function of a 12 or 24 VDC battery

LDX-C120 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDX-C120 Datasheet PDF - Bel Fuse Inc.

Part # LDX-C120
Download  LDX-C120 Click to download

File Size   474.32 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description DC-UPS with charging function of a 12 or 24 VDC battery

LDX-C120 Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - LDX-C120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDX-6515DS-A1M ETC-LDX-6515DS-A1M Datasheet
161Kb / 2P
VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
LDX-6515DS-R2M ETC-LDX-6515DS-R2M Datasheet
161Kb / 2P
VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
LDX-6515DS-VTM ETC-LDX-6515DS-VTM Datasheet
161Kb / 2P
VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
logo
Bel Fuse Inc.
LDX-B20 BEL-LDX-B20 Datasheet
602Kb / 4P
Wide voltage range 12 - 85 VDC
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
More results


Similar Description - LDX-C120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSC-60 MEANWELL-PSC-60 Datasheet
327Kb / 2P
60W Single Output with Battery Charger(UPS Function)
logo
Dialight Corporation
MVDU100-12-P DIALIGHT-MVDU100-12-P Datasheet
188Kb / 2P
12 OR 24 VDC OUTPUT
logo
Mean Well Enterprises C...
ADD-155B MEANWELL-ADD-155B Datasheet
360Kb / 2P
155W Dual Output with Battery Charger(UPS Function)
PSC100B-C MEANWELL-PSC100B-C Datasheet
2Mb / 3P
100W Single output with Battery Charger(UPS Function)
DRC-40 MEANWELL-DRC-40 Datasheet
267Kb / 5P
40W Single Output with Battery Charger (UPS Function)
logo
Astrodyne Corporation
AD55 ASTRODYNE-AD55 Datasheet
597Kb / 3P
55W Single Output with Battery Charging UPS Function
AD155 ASTRODYNE-AD155 Datasheet
601Kb / 3P
155W Single Output with Battery Charging UPS Function
ADD155 ASTRODYNE-ADD155 Datasheet
606Kb / 3P
155W Dual Output with Battery Charging UPS Function
logo
Mean Well Enterprises C...
PSC-35 MEANWELL-PSC-35 Datasheet
663Kb / 4P
35W Single Output with Battery Charger(UPS Function)
PSC-100 MEANWELL-PSC-100_V01 Datasheet
892Kb / 3P
100W Single Output with Battery Charger(UPS Function)
2021-06-21
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com