Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE210 Datasheet (PDF) - NTE Electronics

NTE210 Datasheet PDF - NTE Electronics
Part # NTE210
Download  NTE210 Download
File Size   22.55 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors General Purpose Output & Driver

NTE210 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE210 Datasheet PDF - NTE Electronics

Part # NTE210
Download  NTE210 Click to download

File Size   22.55 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors General Purpose Output & Driver

NTE210 Datasheet (HTML) - NTE Electronics


NTE210 Product details

Description:

The NTE210 (NPN) and NTE211 (PNP) are silicon complementary transistors in a TO202 type package designed for general purpose, medium voltage, medium power amplifier and driver applications such as series, shunt and switching regulators, and low and high frequency inverters and converters.



Features:

• TO202 Type Package: 2W Free Air Dissipation @ TA = +25°C



 




Similar Part No. - NTE210

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2102 NTE-NTE2102 Datasheet
28Kb / 3P
Integrated Circuit NMOS, 1K Static RAM (SRAM), 350ns
NTE2102 NTE-NTE2102 Datasheet
165Kb / 1P
MICROPROCESSOR & MEMORY CIRCUITS
NTE2104 NTE-NTE2104 Datasheet
165Kb / 1P
MICROPROCESSOR & MEMORY CIRCUITS
NTE2107 NTE-NTE2107 Datasheet
165Kb / 1P
MICROPROCESSOR & MEMORY CIRCUITS
More results


Similar Description - NTE210

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE123A NTE-NTE123A Datasheet
33Kb / 4P
Silicon Complementary Transistors General Purpose
NTE186 NTE-NTE186 Datasheet
20Kb / 2P
Silicon Complementary Transistors General Purpose Output & Driver for Audio Amplifier
NTE2428 NTE-NTE2428 Datasheet
22Kb / 2P
Silicon Complementary Transistors General Purpose Switch
NTE2576 NTE-NTE2576 Datasheet
19Kb / 2P
Silicon Complementary Transistors Audio Output Driver
NTE323 NTE-NTE323 Datasheet
22Kb / 2P
Silicon Complementary Transistors General Purpose
NTE390 NTE-NTE390 Datasheet
21Kb / 2P
Silicon Complementary Transistors General Purpose
NTE392 NTE-NTE392 Datasheet
21Kb / 2P
Silicon Complementary Transistors General Purpose
NTE49 NTE-NTE49 Datasheet
27Kb / 2P
Silicon Complementary Transistors General Purpose, High Voltage Amp, Driver
logo
New Jersey Semi-Conduct...
2N5447 NJSEMI-2N5447 Datasheet
130Kb / 1P
COMPLEMENTARY SILICON GENERAL PURPOSE AF TRANSISTORS
logo
NTE Electronics
NTE129P NTE-NTE129P Datasheet
22Kb / 2P
Silicon Complementary Transistors General Purpose Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com