Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6024T-E/ST Datasheet (PDF) - Microchip Technology

MCP6024T-E/ST Datasheet PDF - Microchip Technology
Part # MCP6024T-E/ST
Download  MCP6024T-E/ST Download
File Size   618.55 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Rail-to-Rail Input/Output, 10 MHz Op Amps

MCP6024T-E/ST Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP6024T-E/ST Datasheet PDF - Microchip Technology

Part # MCP6024T-E/ST
Download  MCP6024T-E/ST Click to download

File Size   618.55 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Rail-to-Rail Input/Output, 10 MHz Op Amps

MCP6024T-E/ST Datasheet (HTML) - Microchip Technology


MCP6024T-E/ST Product details

Description

The MCP6021, MCP6021R, MCP6022, MCP6023 and MCP6024 from Microchip Technology Inc. are rail-to rail input and output op amps with high performance. Key specifications include: wide bandwidth (10 MHz), low noise (8.7 nV/√Hz), low input offset voltage and low distortion (0.00053% THD+N). The MCP6023 also offers a Chip Select pin (CS) that gives power savings when the part is not in use.



Features

• Rail-to-Rail Input/Output

• Wide Bandwidth: 10 MHz (typical)

• Low Noise: 8.7 nV/√Hz, at 10 kHz (typical)

• Low Offset Voltage:

- Industrial Temperature: ±500 µV (maximum)

- Extended Temperature: ±250 µV (maximum)

• Mid-Supply VREF: MCP6021 and MCP6023

• Low Supply Current: 1 mA (typical)

• Total Harmonic Distortion:

- 0.00053% (typical, G = 1 V/V)

• Unity Gain Stable

• Power Supply Range: 2.5V to 5.5V

• Temperature Range:

- Industrial: -40°C to +85°C

- Extended: -40°C to +125°C



Applications

• Automotive

• Multi-Pole Active Filters

• Audio Processing

• DAC Buffer

• Test Equipment

• Medical Instrumentation




Similar Part No. - MCP6024T-E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6024T-E/ST MICROCHIP-MCP6024T-E/ST Datasheet
468Kb / 34P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
MCP6024T-E/ST MICROCHIP-MCP6024T-E/ST Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
More results


Similar Description - MCP6024T-E/ST

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
30MHz Rail-to-Rail Input-Output Op Amps
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
January 10, 2007
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021_06 Datasheet
468Kb / 34P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
logo
Intersil Corporation
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
30MHz Rail-to-Rail Input-Output Op Amps
July 5, 2007
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
May 7, 2007
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
60MHz Rail-to-Rail Input-Output Op Amps
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com