Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFB60FA40 Datasheet (PDF) - International Rectifier

UFB60FA40 Datasheet PDF - International Rectifier
Part # UFB60FA40
Download  UFB60FA40 Download
File Size   211.5 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Insulated Ultrafast Rectifier Module

UFB60FA40 Datasheet (PDF)

Go To PDF Page Download Datasheet
UFB60FA40 Datasheet PDF - International Rectifier

Part # UFB60FA40
Download  UFB60FA40 Click to download

File Size   211.5 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Insulated Ultrafast Rectifier Module

UFB60FA40 Datasheet (HTML) - International Rectifier


UFB60FA40 Product details

Description
The UFB60FA40 insulated modules integrate two state-of-the-art International Rectifiers Ultrafast recovery rectifiers in the compact, industry standard SOT-227 package. The planar structure of the diodes, and the platinum doping lifetime control, provide a Ultrasoft recovery current shape, together with the best overall performance, ruggedness and reliability characteristics.
These devices are thus intended for high frequency applications in which the switching energy is designed not to be predominant portion of the total energy, such as in the output rectification stage of Welding machines, SMPS, D-CDC converters. Their extremely optimized stored charge and low recovery current reduce both over dissipation in the switching elements (and snubbers) and EMI/ RFI.

Features
• Two Fully Independent Diodes
• Ceramic Fully Insulated Package (VISOL = 2500V AC)
• Ultrafast Reverse Recovery
• Ultrasoft Reverse Recovery Current Shape
• Low Forward Voltage
• Optimized for Power Conversion: Welding and Industrial SMPS Applications
• Industry Standard Outline
• Plug-in Compatible with other SOT-227 Packages
• Easy to Assemble
• Direct Mounting to Heatsink




Similar Part No. - UFB60FA40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFB60FA40P VISHAY-UFB60FA40P Datasheet
115Kb / 7P
Insulated Ultrafast Rectifier Module, 60 A
07-May-08
UFB60FA40P VISHAY-UFB60FA40P Datasheet
146Kb / 8P
Insulated Ultrafast Rectifier Module, 60 A
21-Jul-10
UFB60FA40P VISHAY-UFB60FA40P Datasheet
130Kb / 8P
Insulated Ultrafast Rectifier Module, 60 A
21-Jul-10
UFB60FA40P VISHAY-UFB60FA40P_10 Datasheet
146Kb / 8P
Insulated Ultrafast Rectifier Module, 60 A
21-Jul-10
UFB60FA40P VISHAY-UFB60FA40P_V01 Datasheet
130Kb / 8P
Insulated Ultrafast Rectifier Module, 60 A
21-Jul-10
More results


Similar Description - UFB60FA40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
UFB200FA20 IRF-UFB200FA20 Datasheet
213Kb / 6P
Insulated Ultrafast Rectifier Module
UFB120FA40 IRF-UFB120FA40 Datasheet
211Kb / 6P
Insulated Ultrafast Rectifier Module
UFB200FA40 IRF-UFB200FA40 Datasheet
114Kb / 6P
Insulated Ultrafast Rectifier Module
UFB120FA20 IRF-UFB120FA20 Datasheet
211Kb / 6P
Insulated Ultrafast Rectifier Module
UFB60FA20 IRF-UFB60FA20 Datasheet
213Kb / 6P
Insulated Ultrafast Rectifier Module
logo
Vishay Siliconix
UFB60FA40P VISHAY-UFB60FA40P Datasheet
115Kb / 7P
Insulated Ultrafast Rectifier Module, 60 A
07-May-08
UFL200FA60P VISHAY-UFL200FA60P Datasheet
156Kb / 8P
Insulated Ultrafast Rectifier Module, 200 A
21-Jul-10
VS-UFB130FA60 VISHAY-VS-UFB130FA60_V02 Datasheet
170Kb / 8P
Insulated Ultrafast Rectifier Module, 130 A
18-Sep-2018
VS-UFB170FA60 VISHAY-VS-UFB170FA60_V02 Datasheet
170Kb / 8P
Insulated Ultrafast Rectifier Module, 170 A
18-Sep-2018
VS-UFB250FA60 VISHAY-VS-UFB250FA60_V02 Datasheet
154Kb / 8P
Insulated Ultrafast Rectifier Module, 250 A
10-Sep-2019
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com