Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V850E1 Datasheet (PDF) - NEC

V850E1 Datasheet PDF - NEC
Part # V850E1
Download  V850E1 Download
File Size   1709.17 Kbytes
Page   226 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 32-Bit Microprocessor Core

V850E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
V850E1 Datasheet PDF - NEC

Part # V850E1
Download  V850E1 Click to download

File Size   1709.17 Kbytes
Page   226 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 32-Bit Microprocessor Core

V850E1 Datasheet (HTML) - NEC


V850E1 Product details

GENERAL
Real-time control systems are used in a wide range of applications, including:
• office equipment such as HDDs (Hard Disk Drives), PPCs (Plain Paper Copiers), printers, and facsimiles,
• automobile electronics such as engine control systems and ABSs (Antilock Braking Systems), and
• factory automation equipment such as NC (Numerical Control) machine tools and various controllers.

The great majority of these systems conventionally employ 8-bit or 16-bit microcontrollers. However, the performance level of these microcontrollers has become inadequate in recent years as control operations have risen in complexity, leading to the development of increasingly complicated instruction sets and hardware design. As a result, the need has arisen for a new generation of microcontrollers operable at much higher frequencies to achieve an acceptable level of performance under today’s more demanding requirements.
The V850 Series of microcontrollers was developed to satisfy this need. This series uses RISC architecture that can provide maximum performance with simpler hardware, allowing users to obtain a performance approximately 15 times higher than that of the existing 78K/III Series and 78K/IV Series of CISC single-chip microcontrollers at a lower total cost.
In addition to the basic instructions of conventional RISC CPUs, the V850 Series is provided with special instructions such as saturation, bit manipulation, and multiply/divide (executed by a hardware multiplier) instructions, which are especially suited to digital servo control systems. Moreover, instruction formats are designed for maximum compiler coding efficiency, allowing the reduction of object code sizes.
The V850E1 CPU is a 32-bit RISC CPU core for ASIC, newly developed as the CPU core central to system LSI in the current age of system-on-a-chip. This core includes not only the control functions of the V850 CPU, the CPU core incorporated in the V850 Series, but also supports data processing through its enhanced external bus interface performance, and the addition of features such as C language switch statement processing, table lookup branching, stack frame creation/deletion, data conversion, and other high-level language supporting instructions.
In addition, because the instruction codes are upwardly compatible with the V850 CPU at the object code level, the software resources of systems that incorporate the V850 CPU can be used unchanged.

Features
(1) High-performance 32-bit architecture for embedded control
   • Number of instructions: 83
   • 32-bit general-purpose registers: 32
   • Load/store instructions in long/short format
   • 3-operand instruction
   • 5-stage pipeline of 1 clock cycle per stage
   • Hardware interlock on register/flag hazards
   • Memory space
      Program space: 64 MB linear
      Data space: 4 GB linear
(2) Special instructions
   • Saturation operation instructions
   • Bit manipulation instructions
   • Multiply instructions (On-chip hardware multiplier executing multiplication in 1 clock)
      16 bits × 16 bits → 32 bits
      32 bits × 32 bits → 32 bits or 64 bits




Similar Part No. - V850E1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
32-bit Single-Chip Microcontroller
V850E2FG4 RENESAS-V850E2FG4_15 Datasheet
2Mb / 78P
32-bit Single-Chip Microcontroller
V850E2FK4 RENESAS-V850E2FK4 Datasheet
2Mb / 88P
32-bit Single-Chip Microcontroller
V850E2FK4-G RENESAS-V850E2FK4-G Datasheet
2Mb / 88P
32-bit Single-Chip Microcontroller
V850E2FK4-H RENESAS-V850E2FK4-H Datasheet
2Mb / 80P
32-bit Single-Chip Microcontroller
More results


Similar Description - V850E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
32-BIT MICROPROCESSOR
UPD70732 NEC-UPD70732 Datasheet
459Kb / 66P
V810TM 32-BIT MICROPROCESSOR
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
32-BIT RISC MICROPROCESSOR
logo
NXP Semiconductors
SCC68070 PHILIPS-SCC68070 Datasheet
2Mb / 74P
16/32-bit microprocessor
November 1990
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
32-Bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
64-/32-Bit Microprocessor
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
logo
Actel Corporation
CZ80CPU ACTEL-CZ80CPU Datasheet
122Kb / 2P
8-bit Microprocessor Core
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
32-bit Microprocessor
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
32-bit Microprocessor
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com