Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM2400 Datasheet (PDF) - Analog Devices

ADUM2400 Datasheet PDF - Analog Devices
Part # ADUM2400
Download  ADUM2400 Download
File Size   209.43 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad-Channel Digital Isolators, 5KV

ADUM2400 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM2400 Datasheet PDF - Analog Devices

Part # ADUM2400
Download  ADUM2400 Click to download

File Size   209.43 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad-Channel Digital Isolators, 5KV

ADUM2400 Datasheet (HTML) - Analog Devices


ADUM2400 Product details

GENERAL DESCRIPTION

The ADuM240x1 are 4-channel digital isolators based on Analog Devices, Inc., iCoupler® technology. Combining high speed CMOS and monolithic air core transformer technology, these isolation components provide outstanding performance characteristics that are superior to alternatives, such as optocoupler devices.

By avoiding the use of LEDs and photodiodes, iCoupler devices remove the design difficulties commonly associated with optocouplers. The typical optocoupler concerns regarding uncertain current transfer ratios, nonlinear transfer functions, and temperature and lifetime effects are eliminated with the simple iCoupler digital interfaces and stable performance characteristics. Furthermore, iCoupler devices run at one-tenth to one-sixth the power of optocouplers at comparable signal data rates.



FEATURES

  Low power operation

     5 V operation

        1.0 mA per channel maximum @ 0 Mbps to 2 Mbps

        3.5 mA per channel maximum @ 10 Mbps

        31 mA per channel maximum @ 90 Mbps

     3 V operation

        0.7 mA per channel maximum @ 0 Mbps to 2 Mbps

        2.1 mA per channel maximum @ 10 Mbps

        20 mA per channel maximum @ 90 Mbps

  Bidirectional communication

  3 V/5 V level translation

  High temperature operation: 105°C

  High data rate: dc to 90 Mbps (NRZ)

  Precise timing characteristics

     2 ns maximum pulse width distortion

     2 ns maximum channel-to-channel matching

  High common-mode transient immunity: >25 kV/μs

  Output enable function

  16-lead SOIC wide body package version (RW-16)

  16-lead SOIC wide body enhanced creepage version (RI-16)

  Safety and regulatory approvals (RI-16 package)

     UL recognition: 5000 V rms for 1 minute per UL 1577

     CSA Component Acceptance Notice #5A

        IEC 60601-1: 250 V rms (reinforced)

           IEC 60950-1: 400 V rms (reinforced)

     VDE Certificate of Conformity

        DIN V VDE V 0884-10 (VDE V 0884-10):2006-12

        VIORM = 846 V peak



APPLICATIONS

  General-purpose, high voltage, multichannel isolation

  Medical equipment

  Motor drives

  Power supplies



 




Similar Part No. - ADUM2400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM2400 AD-ADuM2400 Datasheet
417Kb / 24P
Quad-Channel Digital Isolators
Rev. E
ADUM2400 AD-ADUM2400 Datasheet
544Kb / 24P
Quad-Channel Digital Isolators
Rev. F
ADuM2400ARIZ AD-ADuM2400ARIZ Datasheet
304Kb / 24P
Quad-Channel Digital Isolators
REV. D
ADuM2400ARIZ AD-ADuM2400ARIZ Datasheet
417Kb / 24P
Quad-Channel Digital Isolators
Rev. E
ADUM2400ARIZ AD-ADUM2400ARIZ Datasheet
544Kb / 24P
Quad-Channel Digital Isolators
Rev. F
More results


Similar Description - ADUM2400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
Quad-Channel Digital Isolators
Rev. G
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1402 AD-ADUM1402_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
Quad-Channel Digital Isolators
Rev. J
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
Quad-Channel Digital Isolators
Rev. E
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
Quad-Channel Digital Isolators
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com