Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5366 Datasheet (PDF) - Asahi Kasei Microsystems

AK5366 Datasheet PDF - Asahi Kasei Microsystems
Part # AK5366
Download  AK5366 Download
File Size   338.97 Kbytes
Page   43 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 24 BIT 48KHZ ADC WITH SELECTOR/PGA /ALC

AK5366 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK5366 Datasheet PDF - Asahi Kasei Microsystems

Part # AK5366
Download  AK5366 Click to download

File Size   338.97 Kbytes
Page   43 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 24 BIT 48KHZ ADC WITH SELECTOR/PGA /ALC

AK5366 Datasheet (HTML) - Asahi Kasei Microsystems


AK5366 Product details

GENERAL DESCRIPTION
AK5366 is a high-performance 24-bit, 48kHz sampling ADC for consumer audio and digital recording applications. Thanks to AKM’s Enhanced Dual-Bit modulator architecture, this analog-to-digital converter has an impressive dynamic range of 103dB with a high level of integration. The AK5366 has a 5-channel stereo input selector, an input Programmable Gain Amplifier with an ALC function. All this integration with high-performance makes the AK5366 well suited for CD and DVD recording systems.

FEATURES
1. 24bit Stereo ADC
    • 5ch Stereo Inputs Selector
    • Input PGA from +18dB to 0dB, 0.5dB Step
    • Peak Hold Function
    • Auto Level Control (ALC) Circuit
    • Digital HPF for offset cancellation (fc=1.0Hz@fs=48kHz)
    • Digital Attenuator from +8dB to −63dB, Mute
    • Soft Mute
    • Single-end Inputs
    • S/(N+D) : 94dB
    • DR, S/N : 103dB
    • Audio I/F Format : 24bit MSB justified, I2S
2. 3-wire Serial µP Interface / I2C-Bus
3. Master / Slave Mode
4. Master Clock : 256fs/384fs/512fs
5. Sampling Rate : 32kHz to 48kHz
6. Power Supply
    • AVDD: 4.75 ∼ 5.25V (typ. 5.0V)
    • DVDD: 3.0 ∼ 5.25V (typ. 3.3V)
    • TVDD: 3.0 ∼ 5.25V for input tolerant (typ. 5.0V)
7. Ta = −40 ∼ 85°C
8. Package : 44pin LQFP
9. AK5365 Semi-Pin Compatible




Similar Part No. - AK5366

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5366 AKM-AK5366 Datasheet
492Kb / 32P
digital audio 24bit 48kHz A/D converter,
logo
ACCUTEK MICROCIRCUIT CO...
AK53664D ACCUTEK-AK53664D Datasheet
113Kb / 2P
262,144 X 8 Bit MOS Dynamic Random Access Memory
AK53664D ACCUTEK-AK53664D Datasheet
89Kb / 2P
16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK53664D ACCUTEK-AK53664D Datasheet
82Kb / 2P
32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK53664D ACCUTEK-AK53664D Datasheet
89Kb / 2P
32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
More results


Similar Description - AK5366

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5365 AKM-AK5365 Datasheet
286Kb / 41P
24-BIT 96KHZ ADC WITH SELETOR/PGA/ALCl
logo
Analog Devices
AD1555 AD-AD1555 Datasheet
429Kb / 24P
24-Bit ADC WITH LOW NOISE PGA
REV.B
logo
Asahi Kasei Microsystem...
AK5366VR AKM-AK5366VR Datasheet
315Kb / 42P
24-Bit 48kHz ?誇 ADC with Selector/PGA/ALC
AK5367 AKM-AK5367 Datasheet
493Kb / 28P
96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5367A AKM-AK5367A Datasheet
493Kb / 28P
96kHz 24-Bit ?誇 ADC with 0V Bias Selector
logo
Analog Devices
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com