Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW4518 Datasheet (PDF) - List of Unclassifed Manufacturers

IW4518 Datasheet PDF - List of Unclassifed Manufacturers
Part # IW4518
Download  IW4518 Download
File Size   229.22 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Dual Up-Counter

IW4518 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW4518 Datasheet PDF - List of Unclassifed Manufacturers

Part # IW4518
Download  IW4518 Click to download

File Size   229.22 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Dual Up-Counter

IW4518 Datasheet (HTML) - List of Unclassifed Manufacturers


IW4518 Product details

[Integral]

Dual Up-Counter High-Voltage Silicon-Gate CMOS

The IW4518B Dual BCD Up-Counter consists two identical, internally synchronous 4-stage counters. The counter stages are D-type flip-flops having interchangeable CLOCK and ENABLE lines for incrementing on either the positive-going or negative-going transition. For single-unit operation the ENABLE input is maintained high and the counter advances on each positive-going transition of the CLOCK. The counters are cleared by high levels on their RESET lines.
The counter can be cascaded in the ripple mode by connecting Q4 to the enable input of the subsequent counter while the CLOCK input of the latter is held low.

• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-temperature range; 100 nA at 18 V and 25°C
• Noise margin (over full package temperature range):
   1.0 V min @ 5.0 V supply
   2.0 V min @ 10.0 V supply
   2.5 V min @ 15.0 V supply




Similar Part No. - IW4518

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4518B IKSEMICON-IW4518B Datasheet
260Kb / 6P
Dual Up-Counter High-Voltage Silicon-Gate CMOS
IW4518BD IKSEMICON-IW4518BD Datasheet
260Kb / 6P
Dual Up-Counter High-Voltage Silicon-Gate CMOS
IW4518BN IKSEMICON-IW4518BN Datasheet
260Kb / 6P
Dual Up-Counter High-Voltage Silicon-Gate CMOS
More results


Similar Description - IW4518

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4520BP TOSHIBA-TC4520BP Datasheet
291Kb / 8P
DUAL BINARY UP COUNTER
logo
System Logic Semiconduc...
SL4518B SLS-SL4518B Datasheet
53Kb / 6P
Dual Up-Counter
SL4520B SLS-SL4520B Datasheet
51Kb / 5P
Dual Up-Counter
logo
Hitachi Semiconductor
HD14518B HITACHI-HD14518B Datasheet
81Kb / 5P
Dual BCD Up Counter, Dual Binary Up Counter
logo
STMicroelectronics
HCF4520B STMICROELECTRONICS-HCF4520B Datasheet
912Kb / 12P
DUAL BINARY UP COUNTER
Oct-2002
HCF4518B STMICROELECTRONICS-HCF4518B_02 Datasheet
623Kb / 11P
DUAL BCD UP COUNTER
Oct-2002
logo
Toshiba Semiconductor
TC4520BP TOSHIBA-TC4520BP_07 Datasheet
470Kb / 11P
Dual Binary Up Counter
logo
Estek Electronics Co. L...
IW4520B ESTEK-IW4520B Datasheet
164Kb / 6P
Dual Binary Up-Counter consists two identical
logo
Renesas Technology Corp
HD74LS192 RENESAS-HD74LS192 Datasheet
98Kb / 11P
Synchronous Up / Down Decade Counter (dual clock lines)
logo
WAGO Kontakttechnik Gmb...
753-404 WAGO-753-404 Datasheet
577Kb / 12P
Up/Down Counter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com