Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL-LX5063OD Datasheet (PDF) - LUMEX INC.

SSL-LX5063OD Datasheet PDF - LUMEX INC.
Part # SSL-LX5063OD
Download  SSL-LX5063OD Download
File Size   53.15 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description T-5mm 630mm ORANGE LED

SSL-LX5063OD Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL-LX5063OD Datasheet PDF - LUMEX INC.

Part # SSL-LX5063OD
Download  SSL-LX5063OD Click to download

File Size   53.15 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description T-5mm 630mm ORANGE LED

SSL-LX5063OD Datasheet (HTML) - LUMEX INC.




Similar Part No. - SSL-LX5063OD

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX5063GC LUMEX-SSL-LX5063GC Datasheet
53Kb / 1P
T-5mm 565mm GREEN LED
logo
List of Unclassifed Man...
SSL-LX5063GD ETC1-SSL-LX5063GD Datasheet
47Kb / 1P
T-5mm (T-1 3/4) 565nm GREEN LED, GREEN DIFFUSED FREZNEL LENS
logo
LUMEX INC.
SSL-LX5063GD LUMEX-SSL-LX5063GD Datasheet
67Kb / 1P
T-5mm (T-1 3/4) 565nm GREEN LED, GREEN DIFFUSED FREZNEL LENS
SSL-LX5063GD-5V LUMEX-SSL-LX5063GD-5V Datasheet
52Kb / 1P
T-5mm 565mm GREEN LED
SSL-LX5063GD-TR LUMEX-SSL-LX5063GD-TR Datasheet
55Kb / 1P
T-5mm 565mm GREEN LED
More results


Similar Description - SSL-LX5063OD

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX3044OD LUMEX-SSL-LX3044OD Datasheet
52Kb / 1P
T-3MM 630mm Orange LED
SSL-LX3054OC LUMEX-SSL-LX3054OC Datasheet
50Kb / 1P
T-3mm 630mm ORANGE LED
SSL-LX3054OD LUMEX-SSL-LX3054OD Datasheet
52Kb / 1P
T-3mm 630mm ORANGE LED
SSL-LX5093OT LUMEX-SSL-LX5093OT Datasheet
68Kb / 1P
QUASARBRITE T-5mm 630mm ORANGE LED
SSL-LX5093SIC13973 LUMEX-SSL-LX5093SIC13973 Datasheet
74Kb / 1P
QUASARBRITE T-5mm 630mm RED LED
SSL-LX5093XOC LUMEX-SSL-LX5093XOC Datasheet
54Kb / 1P
T-5mm 610mm SUPER ORANGE LEd
SSL-LX5093XSOC LUMEX-SSL-LX5093XSOC Datasheet
53Kb / 1P
T-5mm 620mm SUPER ORANGE LED
SSL-LX5573OD LUMEX-SSL-LX5573OD Datasheet
45Kb / 1P
5mm X 5mm SQUARE 630mm ORANGE LED
SSI-LXH9ZIC31574 LUMEX-SSI-LXH9ZIC31574 Datasheet
68Kb / 1P
T-5mm 630mm RED LED PANEL INDICATOR
SSI-LXH9ZIC40587 LUMEX-SSI-LXH9ZIC40587 Datasheet
80Kb / 1P
T-5mm 630mm RED LED PANEL INDICATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com