Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC863416B Datasheet (PDF) - Sanyo Semicon Device

LC863416B Datasheet PDF - Sanyo Semicon Device
Part # LC863416B
Download  LC863416B Download
File Size   528.76 Kbytes
Page   17 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-bit 1-chip Microcontroller

LC863416B Datasheet (PDF)

Go To PDF Page Download Datasheet
LC863416B Datasheet PDF - Sanyo Semicon Device

Part # LC863416B
Download  LC863416B Click to download

File Size   528.76 Kbytes
Page   17 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-bit 1-chip Microcontroller

LC863416B Datasheet (HTML) - Sanyo Semicon Device


LC863416B Product details

CMOS IC FROM 48K/40K/32K/28K/24K/20K/16K-byte, RAM 640/512-byte on-chip and 352 ×9-bit OSD RAM



Overview

The LC863448/40/32/28/24/20/16B are 8-bit single chip microcontrollers with the following on-chip functional blocks :

• CPU : Operable at a minimum bus cycle time of 0.424µs

• On-chip ROM capacity

Program ROM : 48K/40K/32K/28K/24K/20K/16K-bytes

CGROM : 16K- bytes

• On-chip RAM capacity : 640/512-bytes

• OSD RAM : 352 × 9-bits

• Closed-Caption TV controller and the on-screen display controller

• Closed-Caption data slicer

• Four channels × 6-bit AD Converter

• Three channels × 7-bit PWM

• 16-bit timer/counter, 14-bit base timer

• IIC-bus compliant serial interface circuit (Multi-master type)

• ROM correction function

• 12-source 8-vectored interrupt system

• Integrated system clock generator and display clock generator

Only one X’tal oscillator (32.768kHz) for PLL reference is used for both generators

TV control and the Closed Caption function

All of the above functions are fabricated on a single chip.




Similar Part No. - LC863416B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863416A SANYO-LC863416A Datasheet
627Kb / 19P
8-Bit Single-Chip Microcontroller
LC863416C SANYO-LC863416C Datasheet
126Kb / 18P
8-bit 1-chip Microcontroller
More results


Similar Description - LC863416B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
8-bit 1-chip Microcontroller
LC87BK08A SANYO-LC87BK08A Datasheet
179Kb / 27P
8-bit 1-chip Microcontroller
LC877C64C SANYO-LC877C64C Datasheet
277Kb / 21P
8-bit 1-chip Microcontroller
LC8740C8A SANYO-LC8740C8A Datasheet
152Kb / 25P
8-bit 1-chip Microcontroller
LC877816A SANYO-LC877816A_08 Datasheet
149Kb / 21P
8-bit 1-chip Microcontroller
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com