Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9387EEG Datasheet (PDF) - Maxim Integrated Products

MAX9387EEG Datasheet PDF - Maxim Integrated Products
Part # MAX9387EEG
Download  MAX9387EEG Download
File Size   247.16 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Differential 5:1 or 4:1 ECL/PECL Multiplexers with Single/Dual Output Buffers

MAX9387EEG Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9387EEG Datasheet PDF - Maxim Integrated Products

Part # MAX9387EEG
Download  MAX9387EEG Click to download

File Size   247.16 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Differential 5:1 or 4:1 ECL/PECL Multiplexers with Single/Dual Output Buffers

MAX9387EEG Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX9387EEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9380ESA MAXIM-MAX9380ESA Datasheet
166Kb / 8P
Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9380EUA MAXIM-MAX9380EUA Datasheet
166Kb / 8P
Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
MAX9381ESA MAXIM-MAX9381ESA Datasheet
190Kb / 7P
Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
More results


Similar Description - MAX9387EEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
ON Semiconductor
MC100E210 ONSEMI-MC100E210 Datasheet
64Kb / 8P
5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
MC100LVE210 ONSEMI-MC100LVE210_06 Datasheet
84Kb / 8P
3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer
December, 2006 ??Rev. 7
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
logo
Arizona Microtek, Inc
AZ100LVE210 AZM-AZ100LVE210 Datasheet
71Kb / 5P
ECL/PECL 1:4, 1:5 Differential Clock Driver
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
logo
Maxim Integrated Produc...
MAX9389 MAXIM-MAX9389 Datasheet
231Kb / 10P
Differential 8:1 ECL/PECL Multiplexer with Dual Output Buffers
Rev 0; 1/03
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com