Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54534FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M54534FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M54534FP
Download  M54534FP Download
File Size   74.39 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 6-UNIT 320mA TRANSISTOR ARRAY WITH CLAMP DIODE AND STROBE

M54534FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M54534FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M54534FP
Download  M54534FP Click to download

File Size   74.39 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 6-UNIT 320mA TRANSISTOR ARRAY WITH CLAMP DIODE AND STROBE

M54534FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M54534FP Product details

DESCRIPTION
M54534P and M54534FP are six-circuit transistor arrays.
The circuits are made of NPN transistors. Both the semiconductor integrated circuits perform high-current driving with extremely low input-current supply.

FEATURES
● Medium breakdown voltage (BVCEO ≥ 20V)
● High-current driving (Ic(max) =320mA)
● With clamping diodes
● Wide input voltage range (VI = –25 to +20V)
● Wide operating temperature range (Ta = –20 to +75°C)
● With strobe input

APPLICATION
    Drives of relays and printers, digit drives of indication elements (LEDs and lamps).




Similar Part No. - M54534FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54530P MITSUBISHI-M54530P Datasheet
102Kb / 3P
7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54530P MITSUBISHI-M54530P_99 Datasheet
75Kb / 4P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531P MITSUBISHI-M54531P_99 Datasheet
73Kb / 4P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531WP MITSUBISHI-M54531WP Datasheet
67Kb / 4P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Similar Description - M54534FP

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2072 NTE-NTE2072 Datasheet
22Kb / 3P
Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2073 NTE-NTE2073 Datasheet
22Kb / 3P
Integrated Circuit Transistor Array w/Clamp Diode and Strobe
logo
Sharp Corporation
IR2C24 SHARP-IR2C24 Datasheet
66Kb / 2P
6-UNIT 320mA Transistor Array
logo
Mitsubishi Electric Sem...
M54527P MITSUBISHI-M54527P Datasheet
72Kb / 4P
6-UNIT 150mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54539P MITSUBISHI-M54539P Datasheet
75Kb / 4P
6-UNIT 700mA TRANSISTOR ARRAY WITH CLAMP DIODE
M54533P MITSUBISHI-M54533P Datasheet
180Kb / 3P
6-UNIT 320mA TRANSISTOR ARRAY WITH CLAMP DIODE AND STROBE
M54529AP MITSUBISHI-M54529AP Datasheet
250Kb / 3P
S-UNIT 320mA TRANSISTOR ARRAY WITH STORE
M54529P MITSUBISHI-M54529P Datasheet
250Kb / 3P
S-UNIT 320mA TRANSISTOR ARRAY WITH STORE
M63815P MITSUBISHI-M63815P Datasheet
78Kb / 5P
8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63817P MITSUBISHI-M63817P Datasheet
77Kb / 5P
8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com