Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE721S01 Datasheet (PDF) - NEC

NE721S01 Datasheet PDF - NEC
Part # NE721S01
Download  NE721S01 Download
File Size   32.97 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description GENERAL PURPOSE L TO X-BAND GaAs MESFET

NE721S01 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE721S01 Datasheet PDF - NEC

Part # NE721S01
Download  NE721S01 Click to download

File Size   32.97 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description GENERAL PURPOSE L TO X-BAND GaAs MESFET

NE721S01 Datasheet (HTML) - NEC


NE721S01 Product details

DESCRIPTION
The NE721S01 is a low cost 0.8 µm recessed gate GaAs MESFET, suitable for both amplifier and oscillator applications. Larger gate geometry make this device ideal for second and third stages of low noise amplifiers operating in the 1-12 GHz frequency range. The NE721S01 is fabricated with an epitaxial process resulting in excellent phase noise in oscillator applications up to 14 GHz. NECs latest high performance/low cost plastic packaging technology make the NE721S01 suitable for GPS, TVRO, DBS, PRD and other commercial applications.

FEATURES
• HIGH POWER GAIN: 7 dB TYP at 12 GHz
• HIGH OUTPUT POWER: 15 dBm TYP at 12 GHz
• LG = 0.8 µm, WG = 330 µm
• LOW PHASE NOISE: -110 dBc/Hz TYP at 100 KHz offset at f = 12 GHz
• LOW COST PLASTIC PACKAGE




Similar Part No. - NE721S01

ManufacturerPart #DatasheetDescription
logo
NEC
NE72118 NEC-NE72118 Datasheet
46Kb / 4P
C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET
logo
Renesas Technology Corp
NE72118 RENESAS-NE72118 Datasheet
201Kb / 18P
GaAs MES FET
1997
logo
NEC
NE72118-T1 NEC-NE72118-T1 Datasheet
46Kb / 4P
C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET
logo
Renesas Technology Corp
NE72118-T1 RENESAS-NE72118-T1 Datasheet
201Kb / 18P
GaAs MES FET
1997
logo
NEC
NE72118-T2 NEC-NE72118-T2 Datasheet
46Kb / 4P
C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET
More results


Similar Description - NE721S01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CFY25 INFINEON-CFY25 Datasheet
2Mb / 8P
HiRel X-Band GaAs Low Noise / General Purpose MESFET
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
NEC
NE76000 NEC-NE76000 Datasheet
52Kb / 6P
LOW NOISE L TO Ku BAND GaAs MESFET
NE71300 NEC-NE71300 Datasheet
91Kb / 8P
LOW NOISE L TO K-BAND GaAs MESFET
NE76038 NEC-NE76038 Datasheet
40Kb / 6P
LOW NOISE L TO Ku-BAND GaAs MESFET
NE76084S NEC-NE76084S Datasheet
42Kb / 4P
LOW NOISE L TO Ku BAND GaAs MESFET
NE76184AS NEC-NE76184AS Datasheet
52Kb / 4P
GENERAL PURPOSE L TO X-BAND GaAs MESFET
NE76100 NEC-NE76100_99 Datasheet
53Kb / 8P
GENERAL PURPOSE GaAs MESFET
NE76118 NEC-NE76118_00 Datasheet
32Kb / 4P
GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
logo
California Eastern Labs
NE71300 CEL-NE71300 Datasheet
95Kb / 8P
LOW NOISE L TO K-BAND GaAs MESFET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com