Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3225H-SMX-4 Datasheet (PDF) - Advanced Crystal Technology

3225H-SMX-4 Datasheet PDF - Advanced Crystal Technology
Part # 3225H-SMX-4
Download  3225H-SMX-4 Download
File Size   179.23 Kbytes
Page   1 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 3.2 x 2.5mm Crystal unit

3225H-SMX-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
3225H-SMX-4 Datasheet PDF - Advanced Crystal Technology

Part # 3225H-SMX-4
Download  3225H-SMX-4 Click to download

File Size   179.23 Kbytes
Page   1 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 3.2 x 2.5mm Crystal unit

3225H-SMX-4 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - 3225H-SMX-4

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
3225 GILWAY-3225 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Kemet Corporation
3225 KEMET-3225 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
3225 ETC2-3225 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3225 HEYCO-3225 Datasheet
220Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Keystone Electronics Co...
3225 KEYSTONE-3225 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results


Similar Description - 3225H-SMX-4

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
CS-018 CONNOR-WINFIELD-CS-018 Datasheet
107Kb / 2P
3.2 x 2.5mm SURFACE MOUNT CRYSTAL UNIT
logo
Advanced Crystal Techno...
3225S-SMX-4 ACT-3225S-SMX-4 Datasheet
230Kb / 2P
3.2 x 2.5mm Crystal unit
1/02/2017
logo
TAITIEN ELECTRONICS CO....
XO-0149-OA-M-CMOS TAITIEN-XO-0149-OA-M-CMOS Datasheet
550Kb / 1P
3.2 X 2.5mm SMD CMOS Output Crystal Oscillator
XO-0155-OX TAITIEN-XO-0155-OX Datasheet
344Kb / 1P
3.2 x 2.5mm SMD CMOS Output Crystal Oscillator
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
3.2 X 2.5mm SMD Crystal
logo
Fox Electronics
C3BA FOX-C3BA Datasheet
275Kb / 2P
3.2 x 2.5mm Auto Grade Crystal
logo
Renesas Technology Corp
603-24-127 RENESAS-603-24-127 Datasheet
267Kb / 3P
24MHz 3.2 x 2.5mm Reference Crystal
2019
603-25-150 RENESAS-603-25-150 Datasheet
267Kb / 3P
25MHz 3.2 x 2.5mm Reference Crystal
2019
603-25-173 RENESAS-603-25-173 Datasheet
267Kb / 3P
25MHz 3.2 x 2.5mm Reference Crystal
2019
603-40-48 RENESAS-603-40-48 Datasheet
266Kb / 3P
40MHz 3.2 x 2.5mm Reference Crystal
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com