Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSP-CS83912 Datasheet (PDF) - LUMEX INC.

SSP-CS83912 Datasheet PDF - LUMEX INC.
Part # SSP-CS83912
Download  SSP-CS83912 Download
File Size   59.11 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description MODULAR STRIP LIGHT

SSP-CS83912 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSP-CS83912 Datasheet PDF - LUMEX INC.

Part # SSP-CS83912
Download  SSP-CS83912 Click to download

File Size   59.11 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description MODULAR STRIP LIGHT

SSP-CS83912 Datasheet (HTML) - LUMEX INC.




Similar Part No. - SSP-CS83912

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSP-CS832UP12 LUMEX-SSP-CS832UP12 Datasheet
364Kb / 1P
MODULAR STRIP LIGHT, 525mm InGaN/SiC GREEN LEDS.
SSP-CS833S12 LUMEX-SSP-CS833S12 Datasheet
47Kb / 1P
MODULAR STRIP LIGHT, 590mm ALLGaP YELLOW LEDS.
SSP-CS836U12 LUMEX-SSP-CS836U12 Datasheet
46Kb / 1P
MODULAR STRIP LIGHT, 626mm AllGaP RED LEDS.
SSP-CS837U12 LUMEX-SSP-CS837U12 Datasheet
59Kb / 1P
MOUDLAR STRIP LIGHT, 470mm InGaN/SIC BLUE LEDs.
More results


Similar Description - SSP-CS83912

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
LED STRIP LIGHT
BVM-SL3 BVLED-BVM-SL3 Datasheet
106Kb / 5P
FLEX STRIP LIGHT
logo
OptoSupply Internationa...
OSMH50830GP-R5M3Z2C1P-A OPTOSUPPLY-OSMH50830GP-R5M3Z2C1P-A Datasheet
79Kb / 3P
LED Light Strip
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
LED Light Strip
OSMY46K27GH-R5MAZ161D-A OPTOSUPPLY-OSMY46K27GH-R5MAZ161D-A Datasheet
123Kb / 4P
LED Light Strip
OSMY61K37GH-R5MA5111A-A OPTOSUPPLY-OSMY61K37GH-R5MA5111A-A Datasheet
119Kb / 4P
LED Light Strip
logo
LUMEX INC.
SSP-CS832UP12 LUMEX-SSP-CS832UP12 Datasheet
364Kb / 1P
MODULAR STRIP LIGHT, 525mm InGaN/SiC GREEN LEDS.
SSP-CS833S12 LUMEX-SSP-CS833S12 Datasheet
47Kb / 1P
MODULAR STRIP LIGHT, 590mm ALLGaP YELLOW LEDS.
SSP-CS836U12 LUMEX-SSP-CS836U12 Datasheet
46Kb / 1P
MODULAR STRIP LIGHT, 626mm AllGaP RED LEDS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com