Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08097200 Datasheet (PDF) - Littelfuse

Part # 08097200
Description  In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the models described in the preceding section
File Size   891.29 Kbytes
Html View  1   2 
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

08097200 Datasheet (PDF) - Littelfuse



Similar Part No. - 08097200

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08097300 LITTELFUSE-08097300 Datasheet
324Kb / 1P
The dual pole remote control current isolating switches described in this section are different in shape and working principle
logo
PHOENIX CONTACT
0809735 PHOENIX-0809735 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 12: UNPRINTED
0809735 PHOENIX-0809735 Datasheet
100Kb / 5P
UW 16
logo
Littelfuse
08097360 LITTELFUSE-08097360 Datasheet
798Kb / 2P
This is the dual-pole bi-stable version of the ADR electronic battery disconnect switches
08097362 LITTELFUSE-08097362 Datasheet
324Kb / 1P
The dual pole remote control current isolating switches described in this section are different in shape and working principle
More results


Similar Description - 08097200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
THE WIDEST RANGE IN MINIATURE SWITCHES
5649A ETC2-5649A Datasheet
529Kb / 22P
THE WIDEST RANGE IN MINIATURE SWITCHES
5656A ETC2-5656A Datasheet
529Kb / 22P
THE WIDEST RANGE IN MINIATURE SWITCHES
logo
E-SWITCH
N211060 E-SWITCH-N211060 Datasheet
208Kb / 1P
PART SUPPLIED WITH ALL POLES IN THE OFF POSITION
logo
Silicon Laboratories
1202231 SILABS-1202231 Datasheet
43Kb / 2P
The behavior of the Si3462 is similar functionally to the Si3461
logo
Littelfuse
08070000 LITTELFUSE-08070000 Datasheet
904Kb / 2P
In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches
08075062 LITTELFUSE-08075062 Datasheet
1Mb / 3P
In shape and design the bistable/magnetic current isolating switches ON-OFF position is different to traditional current isolating switches
08094400 LITTELFUSE-08094400 Datasheet
542Kb / 2P
The single pole remote control current isolating switches described in this datasheet section are different in size, shape and working principle
08097300 LITTELFUSE-08097300 Datasheet
324Kb / 1P
The dual pole remote control current isolating switches described in this section are different in shape and working principle
logo
New Jersey Semi-Conduct...
ESJA57-04A NJSEMI-ESJA57-04A Datasheet
108Kb / 2P
Shape and dimensions are described
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com