| Manufacturer | Part # | Datasheet | Description |
 Motorola, Inc |
L4949
|
196Kb / 8P |
MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
|
 ON Semiconductor |
L4949
|
191Kb / 8P |
MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
1998 Rev 1 |
 TelCom Semiconductor, I... |
TC4949
|
352Kb / 9P |
Multifunction Very Low Dropout Voltage Regulator
|
 ON Semiconductor |
NCP706
|
505Kb / 12P |
1A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2013 ??Rev. 2 |
|
NCP706B
|
203Kb / 10P |
1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2 |
|
NCP708
|
80Kb / 6P |
1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
April, 2015 ??Rev. 1 |
|
NCP706A
|
330Kb / 9P |
Precision Very Low Dropout Voltage Regulator
November, 2014 ??Rev. 0 |
|
NCP706
|
621Kb / 16P |
Precision Very Low Dropout Voltage Regulator with Enable
May, 2016 ??Rev. 8 |
|
NCP706A
|
331Kb / 9P |
Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1 |
|
NCP706B
|
205Kb / 10P |
Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 3 |