Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB156N22NFD Datasheet (PDF) - Infineon Technologies AG

Part # IPB156N22NFD
Description  OptiMOSTMFD Power-Transistor, 220 V
File Size   989.22 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB156N22NFD Datasheet (PDF) - Infineon Technologies AG



Similar Part No. - IPB156N22NFD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPB156N22NFD ISC-IPB156N22NFD Datasheet
268Kb / 2P
Isc N-Channel MOSFET Transistor
More results


Similar Description - IPB156N22NFD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB125N02R ONSEMI-NTB125N02R Datasheet
68Kb / 6P
Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
October, 2003 ??Rev. 4
logo
Avic Technology
AV13005 AVICTEK-AV13005 Datasheet
149Kb / 2P
TO-220 NPN SILICON POWER TRANSISTOR
logo
ON Semiconductor
NTB65N02R ONSEMI-NTB65N02R_05 Datasheet
76Kb / 8P
Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
May, 2005 ??Rev. 6
logo
Rectron Semiconductor
TIP120 RECTRON-TIP120 Datasheet
311Kb / 4P
TO-220 DARLING TRANSISTOR (NPN)
logo
Central Semiconductor C...
BU406 CENTRAL-BU406 Datasheet
54Kb / 1P
NPN SLICON POWER TRANSISTOR JEDEC TO-220 CASE
MJE13005 CENTRAL-MJE13005 Datasheet
120Kb / 2P
NPN SILICON POWER TRANSISTOR JEDEC TO-220 CASE
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
Breakdown voltage range: 220 V
logo
Infineon Technologies A...
BSZ146N10LS5 INFINEON-BSZ146N10LS5 Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.2,2016-08-10
logo
Texas Instruments
TPSM84203 TI1-TPSM84203 Datasheet
303Kb / 20P
1.5-A, 28-V Input, TO-220 Power Module
logo
Infineon Technologies A...
BSC430N25NSFD INFINEON-BSC430N25NSFD Datasheet
942Kb / 11P
MOSFET OptiMOSTMFD Power-Transistor, 250 V
Rev. 2.1, 2018-05-14
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com