Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1044 Datasheet (PDF) - Texas Instruments

Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
File Size   2270.06 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet (PDF) - Texas Instruments



Similar Part No. - TUSB1044_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1044A TI1-TUSB1044A Datasheet
2Mb / 66P
TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
MARCH 2025
TUSB1044AI TI1-TUSB1044AI Datasheet
2Mb / 66P
TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
MARCH 2025
TUSB1044AIRNQR TI1-TUSB1044AIRNQR Datasheet
2Mb / 66P
TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
MARCH 2025
TUSB1044AIRNQT TI1-TUSB1044AIRNQT Datasheet
2Mb / 66P
TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
MARCH 2025
TUSB1044ARNQR TI1-TUSB1044ARNQR Datasheet
2Mb / 66P
TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
MARCH 2025
More results


Similar Description - TUSB1044_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
PTN38007 NXP-PTN38007 Datasheet
808Kb / 59P
Multi-protocol USB4 20 Gbps linear redriver
Rev.2.1 - 8 December 2021
logo
Texas Instruments
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com